Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CE2 Datasheet(PDF) 1 Page - Multicomp Pro

Part # CE2
Description  CE1 - Closed End Connector
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro

CE2 Datasheet(HTML) 1 Page - Multicomp Pro

  CE2 Datasheet HTML 1Page - Multicomp Pro  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
PART NO.
ECN # REV
-A
REVISIONS
DESCRIPTION
DRAWN
DATE
DATE
DATE
CHECKD
APPRVD
Sapna 10/9/07
10/9/07
25/9/07
Suresh
G. C
RELEASED
CE1
This data sheet and its contents (the "Information") belong to the Premier Farnell Group
(the "Group") or are licensed to it. No licence is granted for the use of it other than for
information purposes in connection with the products to which it relates. No licence
of any intellectual property rights is granted. The Information is subject to change with-
out notice and replaces all data sheets previously supplied. The Information supplied is
believed to be accurate but the Group assumes no responsibility for its accuracy or
completeness, any error in or omission from it or for any use made of it. Users of this
data sheet should check for themselves the Information and the suitability of the prod-
ucts for their purpose and not make any assumptions based on information included or
omitted. Liability for loss or damage resulting from any reliance on the Information or
use of it (including liability resulting from negligence or where the Group was aware of
the possibility of such loss or damage arising) is excluded. This will not operate to limit
or restrict the Group's liability for death or personal injury resulting from its negligence.
SPC MULTICOMP is the registered trademark of the Group. © Premier Farnell plc 2007.
TOLERANCES:
DRAWN BY:
Sapna
Suresh
G.Cook
CHECKED BY:
APPROVED BY:
DATE:
DRAWING TITLE:
CE1 - Closed End Connector
HP-CE-1_DWG
M10000647
10/09/07
DATE:
SIZE
SCALE: NTS
U.O.M.: mm
SHEET:
1
OF 1
DWG NO.
ELECTRONIC FILE
REV
A
10/09/07
A
DATE:
25/09/07
UNLESS OTHERWISE
SPECIFIED,
DIMENSIONS ARE
FOR REFERENCE
PURPOSES ONLY.
Specifications:
Material
: Self-extinguishing.
Colour
: Nature.
Voltage
: 300 Volt.
Temperature
: 105°C.
Wire Range
: #22 - #18 AWG.
Maximum 2#20 W/1#18, Minimum 2#22.
Description
Part Number
Connector, Closed End 18 AWG
CE2
Dimensions Millimetres
Part Number Table
http://www.farnell.com
http://www.newark.com
http://www.cpc.co.uk


Similar Part No. - CE2

ManufacturerPart #DatasheetDescription
logo
Multicomp Pro
CE2 MULTICOMP-CE2 Datasheet
20Kb / 1P
CE2 - Closed End Connector
25/9/07 REV A
logo
CamdenBoss Ltd.
CE20 CAMDENBOSS-CE20 Datasheet
721Kb / 1P
50mm wide IP65 limit switches
CE20.00.AP CAMDENBOSS-CE20.00.AP Datasheet
721Kb / 1P
50mm wide IP65 limit switches
CE20.00.BP CAMDENBOSS-CE20.00.BP Datasheet
721Kb / 1P
50mm wide IP65 limit switches
CE20.00.CP CAMDENBOSS-CE20.00.CP Datasheet
721Kb / 1P
50mm wide IP65 limit switches
More results

Similar Description - CE2

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
321519 ETC1-321519 Datasheet
40Kb / 1P
SPLICE, WIRE, CLOSED END
34304 ETC1-34304 Datasheet
36Kb / 1P
SPLICE, WIRE, CLOSED END
logo
Molex Electronics Ltd.
0191600071 MOLEX4-0191600071 Datasheet
100Kb / 2P
CLOSED END CONNECTOR TAPED (NC-2212T)
0191600070 MOLEX4-0191600070 Datasheet
100Kb / 2P
CLOSED END CONNECTOR TAPED (NC-2214T)
0191600028 MOLEX4-0191600028 Datasheet
100Kb / 2P
CLOSED END CONNECTOR TAPED (NC-8T
0191600083 MOLEX4-0191600083 Datasheet
107Kb / 3P
CLOSED END CONNECTOR TAPED (NC-1610T
logo
Tyco Electronics
647001 MACOM-647001 Datasheet
268Kb / 2P
MTA-100 POSTED CONNECTOR ASSEMBLY, CLOSED END, 24 AWG
647003 MACOM-647003 Datasheet
270Kb / 2P
MTA-100 POSTED CONNECTOR ASSEMBLY, CLOSED END, 28 AWG
647017 MACOM-647017 Datasheet
257Kb / 2P
02JUN08 ASSEMBLY, CLOSED END, 24 AWG
35653 MACOM-35653 Datasheet
73Kb / 1P
SPLICE, WIRE, CLOSED END
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com