Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCF4073B Datasheet(PDF) 1 Page - STMicroelectronics

Part # HCF4073B
Description  AND GATES
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HCF4073B Datasheet(HTML) 1 Page - STMicroelectronics

  HCF4073B Datasheet HTML 1Page - STMicroelectronics HCF4073B Datasheet HTML 2Page - STMicroelectronics HCF4073B Datasheet HTML 3Page - STMicroelectronics HCF4073B Datasheet HTML 4Page - STMicroelectronics HCF4073B Datasheet HTML 5Page - STMicroelectronics HCF4073B Datasheet HTML 6Page - STMicroelectronics HCF4073B Datasheet HTML 7Page - STMicroelectronics HCF4073B Datasheet HTML 8Page - STMicroelectronics HCF4073B Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
HCC4073B/81B/82B
HCF4073B/81B/82B
June 1989
AND GATES
DESCRIPTION
.
MEDIUM SPEED OPERATION – tPLH = 85ns
(typ.) ; tPHL = 65ns (typ.) AT 10V
.
QUIESCENT CURRENT SPECIFIED TO 20V
FOR HCC DEVICE
.
5V, 10V, AND 15V PARAMETRIC RATINGS
.
INPUT CURRENT OF
100nA AT 18V AND
25
°C FOR HCC DEVICE
.
100% TESTED FOR QUIESCENT CURRENT
.
MEETS ALL REQUIREMENTS OF JEDEC TEN-
TATIVE STANDARD N
°13A, ”STANDARD SPE-
CIFICATIONS FOR DESCRIPTION OF ”B”
SERIES CMOS DEVICES”
The HCC4073B, HCC4081B and HCC4082B (ex-
tended temperature range) and the HCF4073B,
HCF4081B and HCF4082B (intermediate tempera-
ture range) are monolithic integrated circuits avail-
4073B TRIPLE
3–INPUT AND GATE
4081B QUAD
2–INPUT AND GATE
4082B DUAL
4–INPUT AND GATE
EY
(Plastic Package)
F
(Ceramic Frit Seal Package)
M1
(Micro Package)
C1
(Plastic Chip Carrier)
ORDER CODES :
HCC40XXBF
HCF40XXBM1
HCF40XXBEY
HCF40XXBC1
able in 14-lead dual in-line plastic or ceramic pack-
age and plastic micro package.
The HCC/HCF4073B, 4081B and 4082B AND
gates provide the system designer with direct im-
CONNECTION DIAGRAM
4073B
4081B
4082B
1/10


Similar Part No. - HCF4073B

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
HCF4073B STMICROELECTRONICS-HCF4073B Datasheet
146Kb / 7P
TRIPLE 3 INPUT AND GATE
Sep-2001
HCF4073BEY STMICROELECTRONICS-HCF4073BEY Datasheet
146Kb / 7P
TRIPLE 3 INPUT AND GATE
Sep-2001
HCF4073BM1 STMICROELECTRONICS-HCF4073BM1 Datasheet
146Kb / 7P
TRIPLE 3 INPUT AND GATE
Sep-2001
HCF4073B STMICROELECTRONICS-HCF4073B_01 Datasheet
146Kb / 7P
TRIPLE 3 INPUT AND GATE
Sep-2001
More results

Similar Description - HCF4073B

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD4073B TI-CD4073B Datasheet
223Kb / 5P
CMOS AND GATES
SN5451 TI-SN5451 Datasheet
221Kb / 7P
AND-OR-INVERT GATES
CD4081BF TI-CD4081BF Datasheet
530Kb / 12P
CMOS AND GATES
logo
Micro Electronics
MMC4081 MICRO-ELECTRONICS-MMC4081 Datasheet
125Kb / 4P
CMOS AND GATES
logo
List of Unclassifed Man...
GD74HCT58 ETC1-GD74HCT58 Datasheet
169Kb / 4P
DUAL AND-OR GATES
logo
Texas Instruments
SN54LV08A TI-SN54LV08A_07 Datasheet
799Kb / 18P
QUADRUPLE2-INPUT POSITIVE-AND GATES
SN5451 TI-SN5451_07 Datasheet
886Kb / 25P
AND-OR-INVERT GATES
CD4081BME4 TI1-CD4081BME4 Datasheet
1Mb / 31P
CMOS AND Gates
CD4073B TI1-CD4073B_15 Datasheet
1Mb / 29P
CMOS AND Gates
SN5451 TI1-SN5451_15 Datasheet
956Kb / 20P
AND-OR-INVERT GATES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com