Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCLPS40 Datasheet(PDF) 2 Page - Multicomp Pro

Part # MCLPS40
Description  Heat Sink Cases Accessories
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro

MCLPS40 Datasheet(HTML) 2 Page - Multicomp Pro

  MCLPS40 Datasheet HTML 1Page - Multicomp Pro MCLPS40 Datasheet HTML 2Page - Multicomp Pro  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Heat Sink Cases
Accessories
Page <2>
19/01/12 V1.1
www.element14.com
www.farnell.com
www.newark.com
Disclaimer This data sheet and its contents (the "Information") belong to the Premier Farnell Group (the "Group") or are licensed to it. No licence is granted for the use of it other than for information purposes
in connection with the products to which it relates. No licence of any intellectual property rights is granted. The Information is subject to change without notice and replaces all data sheets previously supplied.
The Information supplied is believed to be accurate but the Group assumes no responsibility for its accuracy or completeness, any error in or omission from it or for any use made of it. Users of this data
sheet should check for themselves the Information and the suitability of the products for their purpose and not make any assumptions based on information included or omitted. Liability for loss or damage
resulting from any reliance on the Information or use of it (including liability resulting from negligence or where the Group was aware of the possibility of such loss or damage arising) is excluded.
This will not operate to limit or restrict the Group's liability for death or personal injury resulting from its negligence. Multicomp is the registered trademark of the Group. © Premier Farnell plc 2012.
Gaskets:
• Gaskets come as a set suitable for waterproofing one enclosure
• A set comprises two white silicon foam gaskets and a number of polythene washers
• The washers are optionally fitted under the heads of the screws and raise the rating of the gasket set from IP65 to IP66
Application Information:
The E-Case range was not originally designed be waterproof. Even with a gasket seal around the edge of the profile water could
enter under the heads of the screws and enter the enclosure through the open screw port. The original waterproof enclosure range
was the Linc-Ace range which had drilled ‘blind’ holes for the screws. Even if these holes filled with water, it did not enter the main
part of the enclosure. Linc-Ace was a heavy extrusion, costly to manufacture and is now obsolete
Use of a flat gasket will render the enclosure ‘waterproof’ to IP65 and addition of a washer under each screw will give an increased
rating of IP66. Use of these gaskets will not reliably give a rating of IP67
A die-cast aluminium enclosure with a rating of IP67 was put under 1 metre of water for 24 hours with no water ingress
An E-Case enclosure with a rating of IP66 was put under 1 metre of water for 24 hours and it contained a few drops of water (say
0.1ml)
An E-Case enclosure with a rating of IP65 when put under water took a few minutes to fill up
These results, which have been found in practice, probably exceed the strict requirements of the IP rating, but this gives a margin of
confidence. The die-cast enclosure is better than an E-Case enclosure because one half of the sealing surface (metal to rubber) is a
smooth (die-cast) metal ridge whereas on an extrusion it is a cut face. It has small saw cut marks on the sealing surface which will
not be completely filled by the gasket thus forming small channels from the outside to the inside of the box. Normally, surface tension
will prevent water flowing down these channels, but under pressure water might flow. In order to get round this one might consider a
liquid gasket compound painted on to the end of the extrusion. This will also help align the gasket on the extrusion prior to fitting the
end plate
Another feature of the flat gasket is that it needs to be fitted with some care-it has offset holes and needs orienting like the end plate.
Also, failure to completely screw down one screw will reduce the IP rating and this will not be obvious when inspected. On-the other
hand a die-cast enclosure is fool proof. However, it is very ugly, and all the holes for the connectors have to be individually machined,
whereas end plates can be mass-produced, complete with connector holes, by using a CNC punch
It should be noted that if a bezel is to be used then the four washers can be omitted from under the screw heads. The plastic of the
bezel gets squeezed under the screw heads and makes a seal. The benefit of the bezel is that it conceals the gasket in applications
where appearance is important
Part Number Table
Description
Part Number
Linc Lug, 40 mm, (Pk2)
MCLPS40
Linc Lug, 80 mm, (Pk2)
MCLPS80
Bezel, Black, For Mcreas Cases
MCZAB1
Bezel, Black, For Mcrebs Cases
MCZBB1
Bezel, Black, For Mcrecs Cases
MCZCB1
Bezel, Black, For Mcreds Cases
MCZDB1
Gasket Set, IP65, For Mcreas Cases
MCGEA1
Gasket Set, IP65, For Mcrebs Cases
MCGEB1
Gasket Set, IP65, For Mcrecs Cases
MCGEC1
Gasket Set, IP65, For Mcreds Cases
MCGED1



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com