Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XU1005-QD Datasheet(PDF) 2 Page - Mimix Broadband

Part # XU1005-QD
Description  10.0-18.0 GHz GaAs Transmitter QFN, 7x7mm
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIMIX [Mimix Broadband]
Direct Link  http://www.mimixbroadband.com
Logo MIMIX - Mimix Broadband

XU1005-QD Datasheet(HTML) 2 Page - Mimix Broadband

  XU1005-QD Datasheet HTML 1Page - Mimix Broadband XU1005-QD Datasheet HTML 2Page - Mimix Broadband XU1005-QD Datasheet HTML 3Page - Mimix Broadband XU1005-QD Datasheet HTML 4Page - Mimix Broadband XU1005-QD Datasheet HTML 5Page - Mimix Broadband XU1005-QD Datasheet HTML 6Page - Mimix Broadband  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
10.0-18.0 GHz GaAsTransmitter
QFN, 7x7mm
Page 2 of 6
Transmitter Measurements
U1005-QD
XU1005-QD, Conversion Gain (dB)
0.0
2.0
4.0
6.0
8.0
10.0
12.0
14.0
16.0
18.0
20.0
10
11
12
13
14
15
16
17
18
RF (GHz) [IF=2GHz]
USB
LSB
XU1005-QD, Image Rejection (dBc)
-60.0
-50.0
-40.0
-30.0
-20.0
-10.0
0.0
10
11
12
13
14
15
16
17
18
RF (GHz) [IF=2GHz]
USB
LSB
XU1005-QD, P1dB Compression (dBm)
0.0
2.0
4.0
6.0
8.0
10.0
12.0
14.0
16.0
18.0
20.0
10
11
12
13
14
15
16
17
18
RF (GHz) [IF=2GHz]
USB
LSB
XU1005-QD, LO Leakage at RF (dBm), LO = +4 dBm
-80.0
-70.0
-60.0
-50.0
-40.0
-30.0
-20.0
-10.0
0.0
8
131823
28
333843
48
LO (GHz)
X1LO
X2LO
X3LO
Mimix Broadband, Inc., 10795 Rockley Rd., Houston, Texas 77099
Tel: 281.988.4600 Fax: 281.988.4615 mimixbroadband.com
Characteristic Data and Specifications are subject to change without notice.
©2007 Mimix Broadband, Inc.
Export of this item may require appropriate export licensing from the U.S. Government. In purchasing these parts, U.S. Domestic customers accept
their obligation to be compliant with U.S. Export Laws.
August 2007 - Rev 19-Aug-07



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com