Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XU1002-QD Datasheet(PDF) 2 Page - Mimix Broadband

Part # XU1002-QD
Description  17.0-25.0 GHz GaAs Transmitter QFN, 7x7mm
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIMIX [Mimix Broadband]
Direct Link  http://www.mimixbroadband.com
Logo MIMIX - Mimix Broadband

XU1002-QD Datasheet(HTML) 2 Page - Mimix Broadband

  XU1002-QD Datasheet HTML 1Page - Mimix Broadband XU1002-QD Datasheet HTML 2Page - Mimix Broadband XU1002-QD Datasheet HTML 3Page - Mimix Broadband XU1002-QD Datasheet HTML 4Page - Mimix Broadband XU1002-QD Datasheet HTML 5Page - Mimix Broadband XU1002-QD Datasheet HTML 6Page - Mimix Broadband XU1002-QD Datasheet HTML 7Page - Mimix Broadband  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
17.0-25.0 GHz GaAsTransmitter
QFN, 7x7mm
U1002-QD
Page 2 of 7
Transmitter Measurements
XU1002-QD, USB Conversion Gain (dB) and Image Rejection (dBc)
-30
-25
-20
-15
-10
-5
0
5
10
15
17
18
19
20
21
22
23
24
25
RF (GHz) [IF=2GHz]
Conv. Gain
Image Reject
XU1002-QD, LSB Conversion Gain (dB) and Image Rejection (dBc)
-30
-25
-20
-15
-10
-5
0
5
10
15
17
17.5
18
18.5
19
19.5
20
20.5
21
RF (GHz) [IF=2GHz]
Conv. Gain
Image Reject
XU1002-QD, USB P1dB Compression Point (dBm)
0
2
4
6
8
10
12
14
16
17
18
19
20
21
22
23
24
25
RF (GHz) [IF=2GHz]
XU1002-QD, LO Leakage at RF (dBm)
-45
-40
-35
-30
-25
-20
-15
-10
-5
0
789
10
11
12
LO (GHz)
1xLO
2xLO
Mimix Broadband, Inc., 10795 Rockley Rd., Houston, Texas 77099
Tel: 281.988.4600 Fax: 281.988.4615 mimixbroadband.com
Characteristic Data and Specifications are subject to change without notice.
©2007 Mimix Broadband, Inc.
Export of this item may require appropriate export licensing from the U.S. Government. In purchasing these parts, U.S. Domestic customers accept
their obligation to be compliant with U.S. Export Laws.
May 2007 - Rev 29-May-07



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com