Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCC4089B Datasheet(PDF) 3 Page - STMicroelectronics

Part # HCC4089B
Description  BINARY RATE MULTIPLIER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HCC4089B Datasheet(HTML) 3 Page - STMicroelectronics

  HCC4089B Datasheet HTML 1Page - STMicroelectronics HCC4089B Datasheet HTML 2Page - STMicroelectronics HCC4089B Datasheet HTML 3Page - STMicroelectronics HCC4089B Datasheet HTML 4Page - STMicroelectronics HCC4089B Datasheet HTML 5Page - STMicroelectronics HCC4089B Datasheet HTML 6Page - STMicroelectronics HCC4089B Datasheet HTML 7Page - STMicroelectronics HCC4089B Datasheet HTML 8Page - STMicroelectronics HCC4089B Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
LOGIC DIAGRAM
TRUTH TABLE
Inputs
Outputs
Number of Pulses or I nput Logic Level
(0 = low ; 1 = high ; X = don’t care)
Number of Pulses or Output Logic Level
(L = low ; H = high)
DC BA
CLK
IN H
IN
ST R
CAS
CLR
S ET
O U T
O U T
INH
OU T
”15”
OU T
0
0
0
0
0
0
0
0
1
1
1
1
1
1
1
1
X
X
X
1
0
X
0
0
0
0
1
1
1
1
0
0
0
0
1
1
1
1
X
X
X
X
X
X
0
0
1
1
0
0
1
1
0
0
1
1
0
0
1
1
X
X
X
X
X
X
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
X
X
X
X
X
X
16
16
16
16
16
16
16
16
16
16
16
16
16
16
16
16
16
16
16
16
16
16
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
1
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
1
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
1
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
1
1
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
1
L
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
•
L
H
16
L
L
H
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
•
H
*
16
H
H
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
H
1
1
H
H
L
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
•
1
1
L
L
H
* Output same as the first 16 lines of this truth table (depending on values of A, B, C, D).
• Depends on internal state of counter.
HCC/HCF4089B
3/13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com