Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCF4075B Datasheet(PDF) 6 Page - STMicroelectronics

Part # HCF4075B
Description  OR GATE
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HCF4075B Datasheet(HTML) 6 Page - STMicroelectronics

Back Button HCF4075B Datasheet HTML 2Page - STMicroelectronics HCF4075B Datasheet HTML 3Page - STMicroelectronics HCF4075B Datasheet HTML 4Page - STMicroelectronics HCF4075B Datasheet HTML 5Page - STMicroelectronics HCF4075B Datasheet HTML 6Page - STMicroelectronics HCF4075B Datasheet HTML 7Page - STMicroelectronics HCF4075B Datasheet HTML 8Page - STMicroelectronics HCF4075B Datasheet HTML 9Page - STMicroelectronics HCF4075B Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
DYNAMIC ELECTRICAL CHARACTERISTICS (T amb =25°C, CL = 50pF, RL = 200kΩ,
typical temperature coefficient for all VDD = 0.3%/°C values , all input rise and fall time = 20ns)
Val ue
Symbol
Parameter
Test Conditions
V DD (V) Min.
Typ.
Max.
Unit
t PHL
Propagation Delay Time
5
125
250
ns
10
60
120
15
45
90
t PLH
Propagation Delay Time
5
175
350
ns
70
50
140
15
50
140
t THL,tTLH Transition Time
5
100
200
ns
10
50
100
15
40
80
TEST CIRCUITS
Quiescent Device Current.
Input Voltage.
Input Leakage Current.
HCC/HFC4071B/72B/75B
6/11



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com