Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCF4085B Datasheet(PDF) 1 Page - STMicroelectronics

Part # HCF4085B
Description  DUAL 2-WIDE 2-INPUT AND-OR-INVERTER GATE
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HCF4085B Datasheet(HTML) 1 Page - STMicroelectronics

  HCF4085B Datasheet HTML 1Page - STMicroelectronics HCF4085B Datasheet HTML 2Page - STMicroelectronics HCF4085B Datasheet HTML 3Page - STMicroelectronics HCF4085B Datasheet HTML 4Page - STMicroelectronics HCF4085B Datasheet HTML 5Page - STMicroelectronics HCF4085B Datasheet HTML 6Page - STMicroelectronics HCF4085B Datasheet HTML 7Page - STMicroelectronics HCF4085B Datasheet HTML 8Page - STMicroelectronics HCF4085B Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
HCC/HCF4085B
September 1988
DUAL 2-WIDE 2-INPUT AND-OR-INVERTER GATE
.
MEDIUM-SPEED OPERATION – tPHL = 90ns ;
tPLH = 125ns (TYP.) AT 10V
.
INDIVIDUAL INHIBIT CONTROLS
.
STANDARDIZED
SYMMETRICAL
OUTPUT
CHARACTERISTICS
.
QUIESCENT CURRENT SPECIFIED TO 20V
FOR HCC DEVICE
.
5V, 10V, AND 15V PARAMETRIC RATINGS
.
INPUT CURRENT OF 100nA AT 18V AND
25
°C FOR HCC DEVICE
.
100% TESTED FOR QUIESCENT CURRENT
.
MEETS ALL REQUIREMENTS OF JEDEC TEN-
TATIVE STANDARD N
°. 13A, ”STANDARD
SPECIFICATIONS FOR DESCRIPTION OF ”B”
SERIES CMOS DEVICES”
DESCRIPTION
The HCC4085B (extended temperature range) and
HCF4085B (intermediate temperature range) are
monolithic integrated circuit, available in 14-lead
dual in-line plastic or ceramic package and plastic
micropackage.
The HCC/HCF4085B contains a pair of AND-OR-
INVERT gates, each consisting of two 2-input AND
gates driving a 3-input NOR gate. Individual inhibit
controls are provided for both A-O-I gates.
ORDER CODES :
HCC4085BF
HCF4085BM1
HCF4085BEY
HCF4085BC1
C1
(Plastic Chip Carrier)
M1
(Micro Package)
EY
(Plastic Package)
F
(Ceramic Frit Seal Package)
PIN CONNECTIONS
1/13


Similar Part No. - HCF4085B

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
HCF4081 STMICROELECTRONICS-HCF4081 Datasheet
271Kb / 10P
AND GATES
Jun-1989
HCF4081B STMICROELECTRONICS-HCF4081B Datasheet
271Kb / 10P
AND GATES
Jun-1989
HCF4081B STMICROELECTRONICS-HCF4081B Datasheet
118Kb / 8P
QUAD 2 INPUT AND GATE
Mar-2004
HCF4081BC1 STMICROELECTRONICS-HCF4081BC1 Datasheet
271Kb / 10P
AND GATES
Jun-1989
HCF4081BEY STMICROELECTRONICS-HCF4081BEY Datasheet
271Kb / 10P
AND GATES
Jun-1989
More results

Similar Description - HCF4085B

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10117 ONSEMI-MC10117 Datasheet
104Kb / 5P
Dual 2-Wide 2-3-Input OR-AND/OR-AND Gate
1996 REV 5
MC10H117 ONSEMI-MC10H117 Datasheet
96Kb / 3P
Dual 2-Wide 2-3-Input OR-AND/OR-AND Gate
1996 REV 5
logo
STMicroelectronics
M54HC51 STMICROELECTRONICS-M54HC51 Datasheet
234Kb / 9P
DUAL 2 WIDE 2 INPUT AND/OR INVERT GATE
Dec-1992
logo
Fairchild Semiconductor
74F51 FAIRCHILD-74F51 Datasheet
49Kb / 4P
Dual 2-Wide 2-Input; 2-Wide 3-Input AND-OR-Invert Gate
DM74LS51 FAIRCHILD-DM74LS51 Datasheet
47Kb / 4P
Dual 2-Wide 2-Input, 2-Wide 3-Input AND-OR-INVERT Gate
DM74S51 FAIRCHILD-DM74S51 Datasheet
34Kb / 3P
Dual 2-Wide 2-Input AND-OR-INVERT Gate
logo
STMicroelectronics
M74HC51 STMICROELECTRONICS-M74HC51 Datasheet
62Kb / 9P
DUAL 2 WIDE 2 INPUT AND/OR INVERT GATE
August 2001
logo
ON Semiconductor
MC10117 ONSEMI-MC10117_02 Datasheet
109Kb / 8P
Dual 2-Wide 2-3-Input OR-AND/OR-AND Gate
January, 2002 ??Rev. 7
logo
Motorola, Inc
MC5474F51 MOTOROLA-MC5474F51 Datasheet
53Kb / 2P
DUAL 2-WIDE 2-INPUT, 2-WIDE 3-INPUT AND-OR-INVERT GATE
logo
Nexperia B.V. All right...
74F51 NEXPERIA-74F51 Datasheet
198Kb / 9P
Dual 2-wide 2-input, 2-wide 3-input AND-OR-invert gate
March 3, 1989
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com