Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCF4093B Datasheet(PDF) 4 Page - STMicroelectronics

Part # HCF4093B
Description  QUAD 2-INPUT NAND SCHMIDT TRIGGERS
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HCF4093B Datasheet(HTML) 4 Page - STMicroelectronics

  HCF4093B Datasheet HTML 1Page - STMicroelectronics HCF4093B Datasheet HTML 2Page - STMicroelectronics HCF4093B Datasheet HTML 3Page - STMicroelectronics HCF4093B Datasheet HTML 4Page - STMicroelectronics HCF4093B Datasheet HTML 5Page - STMicroelectronics HCF4093B Datasheet HTML 6Page - STMicroelectronics HCF4093B Datasheet HTML 7Page - STMicroelectronics HCF4093B Datasheet HTML 8Page - STMicroelectronics HCF4093B Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
STATIC ELECTRICAL CHARACTERISTICS ( continued)
Test Conditions
Value
V I
V O
|I O |V DD
T Lo w*
25
°CT High*
Symbol
Parameter
(V)
(V)
(
µA) (V)
Min. Max. Min. Typ. Max. Min. Max.
Unit
I OL
Output
Sink
Current
0/ 5
0.4
5
0.64
0.51
1
0.36
mA
0/10
0.5
10
1.6
1.3
2.6
0.9
0/15
1.5
15
4.2
3.4
6.8
2.4
0/ 5
0.4
5
0.52
0.44
1
0.36
0/10
0.5
10
1.3
1.1
2.6
0.9
0/15
1.5
15
3.6
3.0
6.8
2.4
I IH,IIL
Input
Leakage
Current
HCC
Types
0/18
Any Input
µA
18
± 0.1
± 10-5 ± 0.1
± 1
HCF
Types
0/15
15
± 0.3
± 10-5 ± 0.3
± 1
CI
Input Capacitance
Any Input
5
7.5
pF
DYNAMIC ELECTRICAL CHARACTERISTICS (T amb =25°C, CL = 50pF, RL = 200kΩ,
typical temperature coefficient for all VDD = 0.3%/°C values , all input rise and fall time = 20ns)
Val ue
Symbol
Parameter
Test Conditions
V DD (V) Min.
Typ.
Max.
Unit
t PLH,tPHL Propagation Delay Time
5
190
380
ns
10
90
180
15
65
130
t TL H,tTHL
Transition Time
5
100
200
ns
10
50
100
15
40
80
Figure1 : Hysteresis Definition, Characteristics and Test Setup.
(a) Definition of VP,VN and VH
(b) Transfer characteristics of 1 of 4 gates
HCC/HCF4093B
4/13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com