Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PASCAL6-MP Datasheet(PDF) 3 Page - RAYTECH S.r.l.

Part # PASCAL6-MP
Description  Gel Box Line a simple way to bring indoor connectors outdoors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RAYTECH [RAYTECH S.r.l.]
Direct Link  https://www.raytech.it/
Logo RAYTECH - RAYTECH S.r.l.

PASCAL6-MP Datasheet(HTML) 3 Page - RAYTECH S.r.l.

  PASCAL6-MP Datasheet HTML 1Page - RAYTECH S.r.l. PASCAL6-MP Datasheet HTML 2Page - RAYTECH S.r.l. PASCAL6-MP Datasheet HTML 3Page - RAYTECH S.r.l. PASCAL6-MP Datasheet HTML 4Page - RAYTECH S.r.l.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Product
Description
Package
Internal dimensions (mm)
Watt
x 2 pieces
Blister
A x B x C
30 x 38 x 26
Watt P15
x 15 pieces
Box
Watt MP *
x 25 pieces
Multipack
Watt
A
B
C
max 5 wires
max 4 mm2
max 3 wires
max 2.5 mm2
Product
Description
Package
Internal dimensions (mm)
Kelvin
x 1 pieces
Blister
A x B x C
45 x 45 x 30
Kelvin MP *
x 20 pieces
Multipack
Kelvin
A
B
C
A
B
C
Product
Description
Package
Internal dimensions (mm)
Kelvin + 4
10 pieces +
30 connectors/terminations
da 4 mm2
Box
A x B x C
45 x 45 x 30
Kelvin + 6
10 pieces +
30 connectors/terminations
da 6 mm2
Box
Kelvin +
max 3 wires
max 6 mm2
max 3 wires
max 6 mm2
max 3 wires
max 6 mm2
A
B
C
Product
Description
Package
Internal dimensions (mm)
Watt + 1.5
10 pieces +
30 connectors/terminations
da 1,5 mm2
Box
A x B x C
30 x 38 x 26
Watt + 2.5
10 pieces +
30 connectors terminations
da 2,5 mm2
Box
Watt +
max 3 wires
max 2.5 mm2
* Also available the flame retardant version in the following colours: yellow, orange, blue or black
* Also available the flame retardant version in the following colours: yellow, orange, blue or black
ACCESSORIES
PRE-FILLED WITH GEL
for free connections
Gel Box Line



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com