Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCF4094B Datasheet(PDF) 1 Page - STMicroelectronics

Part # HCF4094B
Description  8-STAGE SHIFT-AND-STORE BUS REGISTER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HCF4094B Datasheet(HTML) 1 Page - STMicroelectronics

  HCF4094B Datasheet HTML 1Page - STMicroelectronics HCF4094B Datasheet HTML 2Page - STMicroelectronics HCF4094B Datasheet HTML 3Page - STMicroelectronics HCF4094B Datasheet HTML 4Page - STMicroelectronics HCF4094B Datasheet HTML 5Page - STMicroelectronics HCF4094B Datasheet HTML 6Page - STMicroelectronics HCF4094B Datasheet HTML 7Page - STMicroelectronics HCF4094B Datasheet HTML 8Page - STMicroelectronics HCF4094B Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
HCC/HCF4094B
8–STAGE SHIFT-AND-STORE BUS REGISTER
DESCRIPTION
.
3-STATE PARALLEL OUTPUTS FOR CON-
NECTION TO COMMON BUS
.
SEPARATE
SERIAL
OUTPUTS
SYN-
CHRONOUS TO BOTH POSITIVE AND NEGA-
TIVE CLOCK EDGES FOR CASCADING
.
MEDIUM SPEED OPERATION 5MHz AT 10V
.
STANDARDIZED
SYMMETRICAL
OUTPUT
CHARACTERISTICS
.
QUIESCENT CURRENT SPECIFIED TO 20V
FOR HCC DEVICE
.
5V, 10V, AND 15V PARAMETRIC RATINGS
.
INPUT CURRENT OF 100nA AT 18V AND 25
°C
FOR HCC DEVICE
.
100% TESTED FOR QUIESCENT CURRENT
.
MEETS ALL REQUIREMENTS OF JEDEC TEN-
TATIVE STANDARD N
°. 13A, ”STANDARD
SPECIFICATIONS FOR DESCRIPTION OF ”B”
SERIES CMOS DEVICES”
June 1989
The HCC4094B (extended temperature range) and
HCF4094B (intermediate temperature range) are
monolithic integrated circuits available in 16-lead
dual in-line plastic or ceramic packageand plastic
micropackage.
The HCC/HCF4094B is an 8-stage serial shift reg-
ister having a storage latch associated with each
stage for strobing data from the serial input to par-
allel buffered 3-state outputs. The parallel outputs
may be connected directly to common bus lines.
Data is shifted on positive clock transitions. The data
in each shift register stage is transferred to the stor-
age register when the STROBE input is high. Data
in the storage register appears at the outputs when-
ever the OUTPUT-ENABLE signal is high. Two ser-
ial outputs are available for cascading a number of
HCC/HCF4094B devices. Data is available at the
QS serial output terminal on positive clock edges to
allow for high-speed operation in cascaded systems
in which the clock rise time is fast. The same serial
information, available at the Q’S terminal on the next
negative clock edge, provides a means for cascad-
ing HCC/HCF4094B devices when the clock rise
time is slow.
EY
(Plastic Package)
F
(Ceramic Frit Seal Package)
C1
(Plastic Chip Carrier)
ORDER CODES :
HCC4094BF
HCF4094BM1
HCF4094BEY
HCF4094BC1
PIN CONNECTIONS
M1
(Micro Package)
1/14


Similar Part No. - HCF4094B

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
HCF4094B STMICROELECTRONICS-HCF4094B Datasheet
306Kb / 12P
8 STAGE SHIFT AND STORE BUS REGISTER WITH 3-STATE OUTPUTS
Oct-2002
HCF4094B STMICROELECTRONICS-HCF4094B Datasheet
237Kb / 13P
8 STAGE SHIFT AND STORE BUS REGISTER WITH 3-STATE OUTPUTS
Mar-2004
HCF4094BEY STMICROELECTRONICS-HCF4094BEY Datasheet
306Kb / 12P
8 STAGE SHIFT AND STORE BUS REGISTER WITH 3-STATE OUTPUTS
Oct-2002
HCF4094BEY STMICROELECTRONICS-HCF4094BEY Datasheet
237Kb / 13P
8 STAGE SHIFT AND STORE BUS REGISTER WITH 3-STATE OUTPUTS
Mar-2004
HCF4094BM1 STMICROELECTRONICS-HCF4094BM1 Datasheet
306Kb / 12P
8 STAGE SHIFT AND STORE BUS REGISTER WITH 3-STATE OUTPUTS
Oct-2002
More results

Similar Description - HCF4094B

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC4094 PHILIPS-74HC4094 Datasheet
72Kb / 10P
8-stage shift-and-store bus register
December 1990
HEF4094B PHILIPS-HEF4094B Datasheet
81Kb / 7P
8-stage shift-and-store bus register
January 1995
logo
Toshiba Semiconductor
TC4094BP TOSHIBA-TC4094BP_07 Datasheet
641Kb / 13P
8-Stage Shift-and-Store Bus-Register
logo
NXP Semiconductors
HEF4094B NXP-HEF4094B Datasheet
103Kb / 17P
8-stage shift-and-store bus register
Rev. 04-30 October 2008
74HC4094D NXP-74HC4094D Datasheet
203Kb / 23P
8-stage shift-and-store bus register
Rev. 6-31 December 2012
74LV4094 PHILIPS-74LV4094_15 Datasheet
205Kb / 21P
8-stage shift-and-store bus register
Rev. 4-19 December 2011
logo
Nexperia B.V. All right...
74HC4094-Q100 NEXPERIA-74HC4094-Q100 Datasheet
288Kb / 19P
8-stage shift-and-store bus register
74HCT4094-Q100 NEXPERIA-74HCT4094-Q100 Datasheet
284Kb / 18P
8-stage shift-and-store bus register
Rev. 3 - 22 October 2021
74HCT4094 NEXPERIA-74HCT4094 Datasheet
300Kb / 19P
8-stage shift-and-store bus register
Rev. 9 - 22 October 2021
74LV4094 NEXPERIA-74LV4094 Datasheet
282Kb / 17P
8-stage shift-and-store bus register
Rev. 8 - 18 March 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com