Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS613221ADBVT Datasheet(PDF) 13 Page - Texas Instruments

Part # TPS613221ADBVT
Description  TPS61322 6.5-μA Quiescent current, 1.8-A switch current boost converter
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS613221ADBVT Datasheet(HTML) 13 Page - Texas Instruments

Back Button TPS613221ADBVT Datasheet HTML 9Page - Texas Instruments TPS613221ADBVT Datasheet HTML 10Page - Texas Instruments TPS613221ADBVT Datasheet HTML 11Page - Texas Instruments TPS613221ADBVT Datasheet HTML 12Page - Texas Instruments TPS613221ADBVT Datasheet HTML 13Page - Texas Instruments TPS613221ADBVT Datasheet HTML 14Page - Texas Instruments TPS613221ADBVT Datasheet HTML 15Page - Texas Instruments TPS613221ADBVT Datasheet HTML 16Page - Texas Instruments TPS613221ADBVT Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 37 page
background image
OUT
LH
IN
OUT
IN
SW
V
I
L
V
V
V
f
u
u
u
u
)
(
K
(2)
where
• fSW is the switching frequency of the converter
• ILH is the inductor current ripple
• η is the boost converter power convert efficiency
Having selected the inductance value, follow Equation 3 to Equation 5 to calculate the inductor's peak current
for the application. Depending on different load conditions, the TPS61322xx works in continuous current mode
or discontinuous conduction mode(DCM). In different modes, the peak currents of the inductor are also different.
Equation 3 provides an easy way to estimate whether the device works in CCM or DCM. Equation 4 shows the
peak current when the device works in CCM and Equation 5 shows the peak current when the device works in
DCM.
2
LH
IN
OUT
OUT
I
V
I
V
!
u
u
K
(3)
where
• ILH is the inductor current ripple
• η is the boost converter power convert efficiency
2
,
LH
IN
OUT
OUT
peak
L
I
V
I
V
I
u
u
K
(4)
where
• IL,peak is the peak current of the inductor
• ILH is the inductor current ripple
• η is the boost converter power convert efficiency
LH
peak
L
I
I
,
(5)
where
• IL,peak is the peak inductor.
• ILH is the inductor current ripple
The saturation current of the inductor must be higher than the calculated peak inductor current, otherwise the
excessive peak current in the inductor harms the device and reduces the system reliability.
8.2.1.2.4
In this example, the maximum load for the boost converter is 50 mA, the minimum input voltage is 0.9 V, and the
efficiency under this condition can be estimated at 80%, so the boost converter works in continuous operation
mode by the calculation. The inductor peak current is calculated as 258 mA. To have some margin, a 4.7-µH
inductor with at least 300 mA saturation current is recommended for this application. A 10-µH inductor can be
used as well by increasing the output capacitance to higher than 22 µF to make the loop stable. Table 8-2 lists
the recommended inductors for TPS61322xx device.
Table 8-2. List of Inductors
INDUCTAN
CE [µH]
SATURATION CURRENT
[A]
DC
RESISTANC
E [mΩ]
SIZE (L×W×H)(mm)
PART NUMBER
MANUFACTURER(1)
4.7
1.7
165
2.5 × 2 × 1.2
DFE252012P-4R7M=P2
MURATA
4.7
1.5
141
3 × 3 × 1.5
74438335047
Wurth
www.ti.com
TPS61322
SLVSDY5E – JANUARY 2018 – REVISED FEBRUARY 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
13
Product Folder Links: TPS61322



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com