Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC2-RED Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # PC2-RED
Description  Splices
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.

PC2-RED Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  PC2-RED Datasheet HTML 1Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
This document was generated on 03/13/2019
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0194300001
Status:
Active
Overview:
Splices
Description:
See and Splice 2 Circuit Push-in Wire Connector for 12-22 AWG Wire
Documents:
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Agency Certification
UL
E32244
General
Product Family
Splices
Series
19430
Comments
Red Insert|1000V max. for lighting/sign fixtures, Red
Insert|1000V max. for lighting/sign fixtures
Crimp Quality Equipment
Yes
Mil-Spec
N/A
Overview
Splices
Product Name
See and Splice
UPC
822348218882
Physical
Barrel Type
Closed
Color - Resin
Red
Flammability
94V-2
Insulation
None
Material - Metal
Brass
Material - Plating Mating
N/A
Net Weight
1.736/g
Packaging Type
Bag
Temperature Range - Operating
-30° to +105°C
Wire Insulation Diameter
3.30mm is the nominal O.D.
Wire Size AWG
12, 14, 16, 18, 20, 22
Electrical
Voltage - Maximum
600V
Material Info
Engineering Number
PC2-RED
Reference - Drawing Numbers
Sales Drawing
SD-19430-001
Series image - Reference only
EU ELV
Not Relevant
EU RoHS
China RoHS
Compliant
REACH SVHC
Not Contained Per
-ED/88/2018 (15
January 2019)
Halogen-Free
Status
Low-Halogen
For more information, please visit Contact US
China ROHS
Green Image
ELV
Not Relevant
RoHS Phthalates
Not Contained
Search Parts in this Series
19430 Series
This document was generated on 03/13/2019
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - PC2-RED

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
PC2-030P-701 AMPHENOL-PC2-030P-701 Datasheet
5Mb / 44P
Amphenol Low Mating Force Rectangular Connectors
logo
Micron Technology
PC2-3200 MICRON-PC2-3200 Datasheet
355Kb / 17P
DDR2 SDRAM SODIMM
PC2-3200 MICRON-PC2-3200 Datasheet
368Kb / 19P
DDR2 SDRAM UDIMM
logo
Infineon Technologies A...
PC2-3200R-333-11 INFINEON-PC2-3200R-333-11 Datasheet
631Kb / 33P
DDR2 Registered Memory Modules
Rev. 0.85, Apr. 2004
PC2-3200R-333-11-A INFINEON-PC2-3200R-333-11-A Datasheet
631Kb / 33P
DDR2 Registered Memory Modules
Rev. 0.85, Apr. 2004
More results

Similar Description - PC2-RED

ManufacturerPart #DatasheetDescription
logo
PANDUIT CORP.
A41182 PANDUIT-A41182 Datasheet
67Kb / 1P
NYLON INSULATED BUTT SPLICES
logo
Molex Electronics Ltd.
0193190003 MOLEX4-0193190003 Datasheet
89Kb / 2P
Butt Splices VersaKrimp??350-450MCM
0193190004 MOLEX4-0193190004 Datasheet
89Kb / 2P
Butt Splices VersaKrimp??500-600MCM
0193190001 MOLEX4-0193190001 Datasheet
89Kb / 2P
Butt Splices VersaKrimp??250-350MCM
logo
Tyco Electronics
320569 MACOM-320569 Datasheet
258Kb / 30P
Standard Terminals and Splices
53041 MACOM-53041 Datasheet
153Kb / 6P
Standard Terminals and Splices
55995-2 MACOM-55995-2 Datasheet
47Kb / 1P
COPALUM Sealed Terminals and Splices
55840-1 MACOM-55840-1 Datasheet
46Kb / 1P
COPALUM Sealed Terminals and Splices
321684 MACOM-321684 Datasheet
48Kb / 1P
SOLISTRAND, Uninsulated Terminals and Splices
logo
List of Unclassifed Man...
62295-1 ETC2-62295-1 Datasheet
1Mb / 23P
AMPLIVAR Splices
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com