Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CGF Datasheet(PDF) 2 Page - AEROTECH US. ALL RIGHTS RESERVED.

Part # CGF
Description  Collet and Gripper Filtration Unit
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROTECH [AEROTECH US. ALL RIGHTS RESERVED.]
Direct Link  https://www.aerotech.com/
Logo AEROTECH - AEROTECH US. ALL RIGHTS RESERVED.

CGF Datasheet(HTML) 2 Page - AEROTECH US. ALL RIGHTS RESERVED.

  CGF Datasheet HTML 1Page - AEROTECH US. ALL RIGHTS RESERVED. CGF Datasheet HTML 2Page - AEROTECH US. ALL RIGHTS RESERVED. CGF Datasheet HTML 3Page - AEROTECH US. ALL RIGHTS RESERVED.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
www.aerotech.com
CGF Series DIMENSIONS
194
50
157
66
27
75
M6 MOUNTING
2X 7 SLOT
6 THRU
FILTER / REGULATOR
COALESCING FILTER
558
171
66
157
27
50
M6 MOUNTING
2X 7 SLOT
6 THRU
DRYER
PRESSURE GAUGE
120
57
305
50
~190
A
FK3: FILTER / REGULATOR / CHUCK SOLENOID KIT (CCS190DR ONLY)
FILTER / REGULATOR
CHUCK
NOTE: INTERCONNECT COMPONENTS (e.g. TUBING, FITTINGS, CHECK VALVES,...) ARE INCLUDED FOR SEAMLESS INTEGRATION WITH STAGE.
(REFER TO MOUNTING DIMS ABOVE)
71
127
803
FK2: FILTER / REGULATOR / DRYER KIT
QUICK-DISCONNECT
1/4" -18 NPTF
SUPPLY
FLOW
ONE-TOUCH FITTING
8MM TUBE
123
342
71
FK1: FILTER / REGULATOR KIT
QUICK-DISCONNECT
1/4" -18 NPTF
ONE-TOUCH FITTING
8MM TUBE
FLOW
SUPPLY
68
141
98
138
SIDE VIEW
REGULATOR & ELECTRONICS
8.8 TYP
6.2 SLOT
1 THRU
25 TYP
DETAIL A
DIN RAIL
14
28
M4 MOUNTING
2X 4.5 2 THRU
2X 8.5
CHUCK
REGULATOR
DIMENSIONS: MILLIMETERS
REVISIONS
MCN
REV.
DESCRIPTION
DATE
APPROVED
ECO0004827
A
REPLACED OBSOLETE VALVE
25-MAY-23
MCHANG
JHAAG
MODEL BY:
MODEL FILENAME:
CGF
A
CGF
PART CODE:
FILTRATION KITS
COLLET & GRIPPER
CGF-CAT
PART NAME:
DWG. NO.
REV
CGF
SHEET 1 OF 2
17-FEB-17
DATE
MSHOUPE
DRAW
JHAAG
JHAAG
NAME
CHECK
APPR.
17-FEB-17
16-FEB-17
PLACE DRAWING VIEWS BELOW



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com