Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPS50SL-050 Datasheet(PDF) 3 Page - AEROTECH US. ALL RIGHTS RESERVED.

Part # MPS50SL-050
Description  Miniature Mechanical-Bearing, Screw-Driven Linear Stage
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROTECH [AEROTECH US. ALL RIGHTS RESERVED.]
Direct Link  https://www.aerotech.com/
Logo AEROTECH - AEROTECH US. ALL RIGHTS RESERVED.

MPS50SL-050 Datasheet(HTML) 3 Page - AEROTECH US. ALL RIGHTS RESERVED.

  MPS50SL-050 Datasheet HTML 1Page - AEROTECH US. ALL RIGHTS RESERVED. MPS50SL-050 Datasheet HTML 2Page - AEROTECH US. ALL RIGHTS RESERVED. MPS50SL-050 Datasheet HTML 3Page - AEROTECH US. ALL RIGHTS RESERVED. MPS50SL-050 Datasheet HTML 4Page - AEROTECH US. ALL RIGHTS RESERVED. MPS50SL-050 Datasheet HTML 5Page - AEROTECH US. ALL RIGHTS RESERVED. MPS50SL-050 Datasheet HTML 6Page - AEROTECH US. ALL RIGHTS RESERVED. MPS50SL-050 Datasheet HTML 7Page - AEROTECH US. ALL RIGHTS RESERVED.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
aerotech.com
MPS50SL SERIES SPECIFICATIONS
*With Aerotech control System.
Electrical Specifications
MPS50SL-025
MPS50SL-050
Drive System
DC Motor (-M1): DC Brush Servomotor with 14:1 - Gearbox
Stepper Motor (-M2): 24 VDC Bipolar Stepper Motor with 43:1 - Gearbox
Feedback
DC Motor (-M1): 512 lines/rev Rotary Encoder
Stepper Motor (-M2): N/A
Electronic Resolution
1.0 mm/rev Ball Screw
DC Motor (-M1): 0.0348 µm
Stepper Motor (-M2): 0.0484 µm @ 480 steps/rev Motor Resolution
0.5 mm/rev Lead Screw
DC Motor (-M1): 0.0174 µm
Stepper Motor (-M2): 0.0242 µm @ 480 steps/rev Motor Resolution
Maximum Bus Voltage
DC Motor (-M1): 48 VDC
Stepper Motor (-M2): 48 VDC*
Limit Switches
DC Motor (-M1): 5 V, Normally Closed
Stepper Motor (-M2): 5 V, Normally Closed



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com