Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

23114 Datasheet(PDF) 2 Page - Prokits Industries Co., LTD

Part # 23114
Description  40Pcs Reversible Ratchet Screwdriver W/Bits & Sockets Set
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROSKITINDUSTRIES [Prokits Industries Co., LTD]
Direct Link  https://www.prokits.com.tw/
Logo PROSKITINDUSTRIES - Prokits Industries Co., LTD

23114 Datasheet(HTML) 2 Page - Prokits Industries Co., LTD

  23114 Datasheet HTML 1Page - Prokits Industries Co., LTD 23114 Datasheet HTML 2Page - Prokits Industries Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2
Specifications:
Contents
11PCS 1/4"DR SOCKETS
4mm, 5mm, 5.5mm, 6mm, 7mm, 8mm, 9mm, 10mm, 11mm, 12mm, 13mm
26PCS BITS HROME VANDIUM STEEL BITS
PH0, PH1, PH2, PH3
PZ0, PZ1, PZ2, PZ3
3mm, 4mm, 5mm, 6mm, 8mm
T10, T15, T20, T25, T30, T40
2mm, 2.5mm, 3mm, 4mm, 5mm, 6mm, 7mm
1PCS ADAPTER 1PCS ADAPTER
1PCS MAGNETIC BIT HOLDER 100mm
1PCS 3-POSITION REVERSIBLE RATCHET
Individual Packing: Packing:Color Label Shink Parking
**Remark: Pro’skit Brand**
~ THE END ~



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com