Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCF4094 Datasheet(PDF) 6 Page - STMicroelectronics

Part # HCF4094
Description  8-STAGE SHIFT-AND-STORE BUS REGISTER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HCF4094 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button HCF4094 Datasheet HTML 2Page - STMicroelectronics HCF4094 Datasheet HTML 3Page - STMicroelectronics HCF4094 Datasheet HTML 4Page - STMicroelectronics HCF4094 Datasheet HTML 5Page - STMicroelectronics HCF4094 Datasheet HTML 6Page - STMicroelectronics HCF4094 Datasheet HTML 7Page - STMicroelectronics HCF4094 Datasheet HTML 8Page - STMicroelectronics HCF4094 Datasheet HTML 9Page - STMicroelectronics HCF4094 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
DYNAMIC ELECTRICAL CHARACTERISTICS (Tamb =25°C, CL = 50pF, RL = 200kΩ,
typical temperature coefficient for all VDD = 0.3%/°C values , all input rise and fall time = 20ns)
Test Conditions
Val ue
Symbol
Parameter
V DD (V) Min.
Typ.
Max.
Unit
t PLH,tPHL Propagation Delay Time Clock to
Serial Output QS
5300
600
ns
10
125
250
15
95
190
t PLH,tPHL Propagation Delay Time Clock to
Serial Output Q’S
5230
460
ns
10
110
220
15
75
150
t PLH,tPHL Propagation Delay Time Clock to
Parallel Output
5420
840
ns
10
195
390
15
135
270
t PLH,tPHL Propagation Delay Time Strobe
to Parallel Output
5290
580
ns
10
145
290
15
100
200
t PHZ
Propagation Delay Time Output
Enable to Parallel Output :
Output High to High Impedance
5140
280
ns
10
75
150
15
55
110
t PL Z
Out Low to High Impedance
5
225
450
ns
10
95
190
15
70
140
t W
Strobe Pulse Width
5
200
100
ns
10
80
40
15
70
35
t W
Clock Pulse Width
5
200
100
ns
10
100
50
15
83
40
t se tu p
Data Setup Time
5
125
60
ns
10
55
30
15
35
20
t TL H,tTHL
Transition Time
5
100
200
ns
10
50
100
15
40
80
t r,tf
Clock Input Rise or Fall Time
5
15
µs
10
5
15
5
f max
Maximum Clock Input Frequency
5
1.25
2.5
MHz
10
2.5
5
15
3
6
HCC/HCF4094B
6/14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com