Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NRF51822-CDAA-R7 Datasheet(PDF) 38 Page - Nordic Semiconductor

Part # NRF51822-CDAA-R7
Description  Multiprotocol Bluetooth® low energy/2.4 GHz RF System on Chip
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF51822-CDAA-R7 Datasheet(HTML) 38 Page - Nordic Semiconductor

Back Button NRF51822-CDAA-R7 Datasheet HTML 34Page - Nordic Semiconductor NRF51822-CDAA-R7 Datasheet HTML 35Page - Nordic Semiconductor NRF51822-CDAA-R7 Datasheet HTML 36Page - Nordic Semiconductor NRF51822-CDAA-R7 Datasheet HTML 37Page - Nordic Semiconductor NRF51822-CDAA-R7 Datasheet HTML 38Page - Nordic Semiconductor NRF51822-CDAA-R7 Datasheet HTML 39Page - Nordic Semiconductor NRF51822-CDAA-R7 Datasheet HTML 40Page - Nordic Semiconductor NRF51822-CDAA-R7 Datasheet HTML 41Page - Nordic Semiconductor NRF51822-CDAA-R7 Datasheet HTML 42Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 130 page
background image
Page 38
nRF51822 Product Specification v3.3
6
Absolute maximum ratings
Maximum ratings are the extreme limits the chip can be exposed to without causing permanent damage.
Exposure to absolute maximum ratings for prolonged periods of time may affect the reliability of the chip.
Table 19 specifies the absolute maximum ratings.
Table 19 Absolute maximum ratings
Symbol
Parameter
Min.
Max.
Unit
Supply voltages
VDD
-0.3
+3.9
V
DEC2
2V
VSS
0
V
I/O pin voltage
VIO
-0.3
VDD + 0.3
V
Environmental QFN48 package
Storage temperature
-40
+125
°C
MSL
Moisture Sensitivity Level
2
ESD HBM
Human Body Model
4
kV
ESD CDM
Charged Device Model
750
V
Environmental WLCSP package
Storage temperature
-40
+125
°C
MSL
Moisture Sensitivity Level
1
ESD HBM
Human Body Model
4
kV
ESD CDM
Charged Device Model
500
V
Flash memory
Endurance
20 0001
1. Flash endurance is 20,000 erase cycles. The smallest element of flash that can be written is a 32 bit word.
write/erase cycles
Retention
10 years at 40 °C
50 years at 25 °C
Number of times an address
can be written between
erase cycles
2
times



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com