Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NRF51822-CFAA-R7 Datasheet(PDF) 39 Page - Nordic Semiconductor

Part # NRF51822-CFAA-R7
Description  Multiprotocol Bluetooth® low energy/2.4 GHz RF System on Chip
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF51822-CFAA-R7 Datasheet(HTML) 39 Page - Nordic Semiconductor

Back Button NRF51822-CFAA-R7 Datasheet HTML 35Page - Nordic Semiconductor NRF51822-CFAA-R7 Datasheet HTML 36Page - Nordic Semiconductor NRF51822-CFAA-R7 Datasheet HTML 37Page - Nordic Semiconductor NRF51822-CFAA-R7 Datasheet HTML 38Page - Nordic Semiconductor NRF51822-CFAA-R7 Datasheet HTML 39Page - Nordic Semiconductor NRF51822-CFAA-R7 Datasheet HTML 40Page - Nordic Semiconductor NRF51822-CFAA-R7 Datasheet HTML 41Page - Nordic Semiconductor NRF51822-CFAA-R7 Datasheet HTML 42Page - Nordic Semiconductor NRF51822-CFAA-R7 Datasheet HTML 43Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 130 page
background image
Page 39
nRF51822 Product Specification v3.3
7
Operating conditions
The operating conditions are the physical parameters that the chip can operate within as defined in
Table 20.
Table 20 Operating conditions
Nominal operating conditions (NOC) - conditions under which the chip is operated and tested are the
typical (Typ.) values in Table 20.
Extreme operating conditions (EOC) - conditions under which the chip is operated and tested are the
minimum (Min.) and maximum (Max.) values in Table 20.
7.1
WLCSP light sensitivity
7.1.1
CDAB, CEAA, and CFAC light sensitivity
The CDAB, CEAA, and CFAC package variants are sensitive to visible and near infrared light which means a
final product design must shield the chip properly. The marking side is covered with a light absorbing film,
while the side edges of the chip and the ball side must be protected by coating or other means.
7.1.2
CTAA and CTAC light sensitivity
The CTAA and CTAC package variant is sensitive to visible and close-range infrared light which means a final
product design must shield the chip properly. Unlike the other WLCSP variants that have some protection,
the CTAA and CTAC variant does not have any and therefore must be protected by light absorbing film
coating or other means.
7.2
CTAA and CTAC mechanical strength
The CTAA and CTAC is a thinner variant of the WLCSP package. To ensure a mechanical robust solution the
customer is recommended to perform board level bending validation test.
Symbol
Parameter
Notes
Min.
Typ.
Max.
Units
VDD
Supply voltage, internal LDO setup
1.8
3.0
3.6
V
VDD
Supply voltage, DC/DC converter setup
2.1
3.0
3.6
V
VDD
Supply voltage, low voltage mode
setup
1
1. DEC2 shall be connected to VDD in this mode.
1.75
1.8
1.95
V
tR_VDD
Supply rise time (0 V to VDD)
2
2. The on-chip power-on reset circuitry may not function properly for rise times outside the specified interval.
100
ms
TA
Operating temperature
-25
25
75
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com