Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NRF51822-CDAC-R7 Datasheet(PDF) 50 Page - Nordic Semiconductor

Part # NRF51822-CDAC-R7
Description  Multiprotocol Bluetooth® low energy/2.4 GHz RF System on Chip
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF51822-CDAC-R7 Datasheet(HTML) 50 Page - Nordic Semiconductor

Back Button NRF51822-CDAC-R7 Datasheet HTML 46Page - Nordic Semiconductor NRF51822-CDAC-R7 Datasheet HTML 47Page - Nordic Semiconductor NRF51822-CDAC-R7 Datasheet HTML 48Page - Nordic Semiconductor NRF51822-CDAC-R7 Datasheet HTML 49Page - Nordic Semiconductor NRF51822-CDAC-R7 Datasheet HTML 50Page - Nordic Semiconductor NRF51822-CDAC-R7 Datasheet HTML 51Page - Nordic Semiconductor NRF51822-CDAC-R7 Datasheet HTML 52Page - Nordic Semiconductor NRF51822-CDAC-R7 Datasheet HTML 53Page - Nordic Semiconductor NRF51822-CDAC-R7 Datasheet HTML 54Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 130 page
background image
Page 50
nRF51822 Product Specification v3.3
8.5
Radio transceiver
8.5.1
General radio characteristics
Table 35 General radio characteristics
8.5.2
Radio current consumption with DC/DC disabled
Table 36 Radio current consumption with DC/DC disabled (NOC, VDD = 3 V)
Symbol
Description
Note
Min.
Typ.
Max.
Units
Test
level
fOP
Operating frequencies.
1 MHz channel
spacing.
2400
2483
MHz
N/A
PLLres
PLL programming resolution.
1
MHz
N/A
Δf250
Frequency deviation at 250 kbps.
±170
kHz
2
Δf1M
Frequency deviation at 1 Mbps.
±170
kHz
2
Δf2M
Frequency deviation at 2 Mbps.
±320
kHz
2
ΔfBLE
Frequency deviation at BLE.
±225
±250
±275
kHz
4
bpsFSK
On-air data rate.
250
2000
kbps
N/A
Symbol
Description
Note
Min.
Typ.
Max.
Units
Test
level
ITX,+4dBm
TX only run current at POUT = +4 dBm.
1
1. Valid for data rates 250 kbps, 1 Mbps, and 2 Mbps.
16
mA
4
ITX,0dBm
TX only run current at POUT = 0 dBm.
1
10.5
mA
4
ITX,-4dBm
TX only run current at POUT = -4 dBm.
1
8mA
2
ITX,-8dBm
TX only run current at POUT = -8 dBm.
1
7
mA
2
ITX,-12dBm
TX only run current at POUT = -12 dBm.
1
6.5
mA
2
ITX,-16dBm
TX only run current at POUT = -16 dBm.
1
6
mA
2
ITX,-20dBm
TX only run current at POUT = -20 dBm.
1
5.5
mA
2
ITX,-30dBm
TX only run current at POUT = -30 dBm.
1
5.5
mA
2
ISTART,TX
TX startup current.
2
2. Average current consumption (at 0 dBm TX output power) for TX startup (130 μs), and when changing mode from RX to
TX (130 μs).
7mA
1
IRX,250
RX only run current at 250 kbps.
12.6
mA
1
IRX,1M
RX only run current at 1 Mbps.
13
mA
4
IRX,2M
RX only run current at 2 Mbps.
13.4
mA
1
ISTART,RX
RX startup current.
3
3. Average current consumption for RX startup (130 μs), and when changing mode from TX to RX (130 μs).
8.7
mA
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com