Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NRF51822-CEAC-R7 Datasheet(PDF) 19 Page - Nordic Semiconductor

Part # NRF51822-CEAC-R7
Description  Multiprotocol Bluetooth® low energy/2.4 GHz RF System on Chip
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF51822-CEAC-R7 Datasheet(HTML) 19 Page - Nordic Semiconductor

Back Button NRF51822-CEAC-R7 Datasheet HTML 15Page - Nordic Semiconductor NRF51822-CEAC-R7 Datasheet HTML 16Page - Nordic Semiconductor NRF51822-CEAC-R7 Datasheet HTML 17Page - Nordic Semiconductor NRF51822-CEAC-R7 Datasheet HTML 18Page - Nordic Semiconductor NRF51822-CEAC-R7 Datasheet HTML 19Page - Nordic Semiconductor NRF51822-CEAC-R7 Datasheet HTML 20Page - Nordic Semiconductor NRF51822-CEAC-R7 Datasheet HTML 21Page - Nordic Semiconductor NRF51822-CEAC-R7 Datasheet HTML 22Page - Nordic Semiconductor NRF51822-CEAC-R7 Datasheet HTML 23Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 130 page
background image
Page 19
nRF51822 Product Specification v3.3
Table 3 Ball functions for CEAA, CFAC, CTAA, and CTAC
F1
DEC2
Power
Power supply decoupling.
F2
P0.19
Digital I/O
General purpose I/O.
F3
N.C.
No Connection
Must be soldered to PCB.
F7
N.C.
No Connection
Must be soldered to PCB.
F8
P0.04
AIN5
Digital I/O
Analog input
General purpose I/O.
ADC input 5.
F9
P0.03
AIN4
Digital I/O
Analog input
General purpose I/O.
ADC input 4.
G1
P0.20
Digital I/O
General purpose I/O.
G2
P0.17
Digital I/O
General purpose I/O.
G3
N.C.
No Connection
Must be soldered to PCB.
G4
N.C.
No Connection
Must be soldered to PCB.
G5
N.C.
No Connection
Must be soldered to PCB.
G6
VSS
Power
Ground (0 V).
G7
N.C.
No Connection
Must be soldered to PCB.
G8
P0.06
AIN7
AREF1
Digital I/O
Analog input
Analog input
General purpose I/O.
ADC input 7.
ADC Reference voltage.
G9
VSS
Power
Ground (0 V).
H1
P0.18
Digital I/O
General purpose I/O.
H2
SWDCLK
Digital input
Hardware debug and flash programming I/O.
H3
VSS
Power
Ground (0 V).
H4
P0.14
Digital I/O
General purpose I/O.
H5
P0.13
Digital I/O
General purpose I/O.
H6
P0.10
Digital I/O
General purpose I/O.
H7
P0.07
Digital I/O
General purpose I/O.
H8
VDD
Power
Power supply.
H9
P0.05
AIN6
Digital I/O
Analog input
General purpose I/O.
ADC input 6.
J2
SWDIO/ 
nRESET
Digital I/O
System reset (active low). Also Hardware debug and flash
programming I/O.
J3
P0.16
Digital I/O
General purpose I/O.
J4
P0.15
Digital I/O
General purpose I/O.
J5
P0.12
Digital I/O
General purpose I/O.
J6
P0.11
Digital I/O
General purpose I/O.
J7
P0.09
Digital I/O
General purpose I/O.
J8
P0.08
Digital I/O
General purpose I/O.
Ball
Name
Function
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com