Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NRF51822-QFAA-R Datasheet(PDF) 58 Page - Nordic Semiconductor

Part # NRF51822-QFAA-R
Description  Multiprotocol Bluetooth® low energy/2.4 GHz RF System on Chip
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF51822-QFAA-R Datasheet(HTML) 58 Page - Nordic Semiconductor

Back Button NRF51822-QFAA-R Datasheet HTML 54Page - Nordic Semiconductor NRF51822-QFAA-R Datasheet HTML 55Page - Nordic Semiconductor NRF51822-QFAA-R Datasheet HTML 56Page - Nordic Semiconductor NRF51822-QFAA-R Datasheet HTML 57Page - Nordic Semiconductor NRF51822-QFAA-R Datasheet HTML 58Page - Nordic Semiconductor NRF51822-QFAA-R Datasheet HTML 59Page - Nordic Semiconductor NRF51822-QFAA-R Datasheet HTML 60Page - Nordic Semiconductor NRF51822-QFAA-R Datasheet HTML 61Page - Nordic Semiconductor NRF51822-QFAA-R Datasheet HTML 62Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 130 page
background image
Page 58
nRF51822 Product Specification v3.3
8.9
Serial Peripheral Interface (SPI) Master specifications
Table 46 SPI specifications
Figure 13 SPI timing diagram, one byte transmission, SPI mode 0
Table 47 SPI timing parameters
Symbol
Description
Min.
Typ.
Max.
Units
Test
level
ISPI125K
Run current for SPI master at 125 kbps.
180
μA
1
ISPI4M
Run current for SPI master at 4 Mbps.
200
μA
1
fSPI
Bit rates for SPI.
0.125
4
Mbps
N/A
Symbol
Description
Note
Min.
Typ.
Max.
Units
Test
level
tDC
Data to SCK setup.
10
ns
1
tDH
SCK to data hold.
10
ns
1
tCD
SCK to data valid.
CLOAD = 10 pF
971
1. Increases/decreases with 1.2 ns/pF load.
ns
1
tCL
SCK low time.
40
ns
1
tCH
SCK high time.
40
ns
1
fSCK
SCK frequency.
0.125
4
MHz
1
tR,tF
SCK rise and fall time.
100
ns
1
b7
b6
b0
b7
b0
tCD
tDH
tDC
tCL
tCH
SCK
MISO
MOSI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com