Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SA1979S Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # 2SA1979S
Description  Silicon PNP Power Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

2SA1979S Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  2SA1979S Datasheet HTML 1Page - Inchange Semiconductor Company Limited 2SA1979S Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Silicon PNP Power Transistor
2SA1979S
www.iscsemi.com
1
DESCRIPTION
· Collector-Emitter Breakdown Voltage
-V(BR)CEO= -32V(Min)
· SOT-23 Package
APPLICATIONS
· General Electronic Equipment
ABSOLUTE MAXIMUM RATINGS(Ta=25℃)
SYMBOL
PARAMETER
VALUE
UNIT
VCBO
Collector-Base Voltage
-40
V
VCEO
Collector-Emitter Voltage
-32
V
VEBO
Emitter-Base Voltage
-5
V
IC
Collector Current-Continuous
-500
mA
PC
Collector Power Dissipation
350
mW
TJ
Junction Temperature
150
℃
Tstg
Storage Temperature Range
-55~150
℃
ELECTRICAL CHARACTERISTICS (TC=25℃ unless otherwise specified)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNI
T
V(BR)CEO
Collector-Emitter Breakdown Voltage
IC= -1mA, IB= 0A
-32
--
--
V
ICBO
Collector-Base Cut-Off Current
VCB= -40V, IE= 0A
--
--
-0.1
uA
IEBO
Emitter Cuto-ff Current
VEB= -5V, IC= 0A
--
--
-0.1
uA
hFE*
DC Current Gain
IC= -100mA, VCE= -1V
70
--
240
VCE(sat)
Collector-Emitter Saturation Voltage
IC= -100mA, IB= -10mA
--
--
-0.25
V
hFE* Rank: O: 70-140, Y: 120-240


Similar Part No. - 2SA1979S

ManufacturerPart #DatasheetDescription
logo
AUK corp
2SA1979S AUK-2SA1979S Datasheet
231Kb / 4P
PNP Silicon Transistor (Medium power amplifier)
logo
KODENSHI_AUK CORP.
2SA1979S KODENSHI-2SA1979S Datasheet
246Kb / 4P
MEDIUM POWER AMPLIFIER
2SA1979S KODENSHI-2SA1979S Datasheet
246Kb / 4P
MEDIUM POWER AMPLIFIER
logo
Foshan Blue Rocket Elec...
2SA1979S FOSHAN-2SA1979S Datasheet
1Mb / 6P
Silicon PNP transistor in a SOT-23 Plastic Package
logo
AUK corp
2SA1979SF AUK-2SA1979SF Datasheet
230Kb / 4P
PNP Silicon Transistor (Medium power amplifier)
More results

Similar Description - 2SA1979S

ManufacturerPart #DatasheetDescription
logo
NEC
2SA1142 NEC-2SA1142 Datasheet
64Kb / 1P
PNP SILICON POWER TRANSISTOR
logo
Microsemi Corporation
2N5151 MICROSEMI-2N5151 Datasheet
60Kb / 2P
PNP POWER SILICON TRANSISTOR
logo
Inchange Semiconductor ...
2SA1303 ISC-2SA1303 Datasheet
106Kb / 2P
Silicon PNP Power Transistor
2SA1741 ISC-2SA1741 Datasheet
164Kb / 3P
Silicon PNP Power Transistor
logo
New Jersey Semi-Conduct...
2SA1880 NJSEMI-2SA1880 Datasheet
76Kb / 2P
Silicon PNP Power Transistor
2SA1939 NJSEMI-2SA1939 Datasheet
75Kb / 2P
Silicon PNP Power Transistor
2SA1941 NJSEMI-2SA1941 Datasheet
74Kb / 2P
Silicon PNP Power Transistor
2SA1943 NJSEMI-2SA1943 Datasheet
81Kb / 2P
Silicon PNP Power Transistor
2SA1986 NJSEMI-2SA1986 Datasheet
75Kb / 2P
Silicon PNP Power Transistor
BDY83 NJSEMI-BDY83 Datasheet
76Kb / 2P
Silicon PNP Power Transistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com