Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS70445PWPR Datasheet(PDF) 29 Page - Texas Instruments

Part # TPS70445PWPR
Description  DUAL-OUTPUT, LOW DROPOUT VOLTAGE REGULATORS WITH INTEGRATED SVS FOR SPLIT VOLTAGE SYSTEMS
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS70445PWPR Datasheet(HTML) 29 Page - Texas Instruments

Back Button TPS70445PWPR Datasheet HTML 25Page - Texas Instruments TPS70445PWPR Datasheet HTML 26Page - Texas Instruments TPS70445PWPR Datasheet HTML 27Page - Texas Instruments TPS70445PWPR Datasheet HTML 28Page - Texas Instruments TPS70445PWPR Datasheet HTML 29Page - Texas Instruments TPS70445PWPR Datasheet HTML 30Page - Texas Instruments TPS70445PWPR Datasheet HTML 31Page - Texas Instruments TPS70445PWPR Datasheet HTML 32Page - Texas Instruments TPS70445PWPR Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 44 page
background image
TPS704xxPWP
(FixedOutputOption)
0.22 F
m
22 F
m
0.22 F
m
250kW
250kW
47 F
m
>2V
<0.7V
>2V
<0.7V
EN1
EN2
EN1
EN2
V
IN1
V
IN2
V
IN
RESET
V
OUT1
V
SENSE1
PG1
MR
V
SENSE2
V
OUT2
PG2
V
OUT2
RESET
PG2
V
OUT1
95%
95%
EN2
EN1
V
OUT1
V
OUT2
PG2
PG1
MR
MR
(PG1tiedto
)
RESET
FAULTONV
OUT1
NOTES:A.t :TimeatwhichV
isgreaterthanV
and
islogichigh.
B.Thetimingdiagramisnotdrawntoscale.
1
IN
UVLO
MR
120ms
t
1
TPS70445, TPS70448
TPS70451, TPS70458
TPS70402
www.ti.com
SLVS307F – SEPTEMBER 2000 – REVISED APRIL 2010
Application condition: VIN1 and VIN2 are tied to
same fixed input voltage greater than VUVLO. PG1 is
tied to MR.
EN1 and EN2 are initially high; therefore, both
regulators are off, and PG1 (tied to MR) and PG2 are
at logic low. Since MR is at logic low, RESET is also
at logic low. When EN2 is taken to logic low, VOUT2
turns on. Later, when EN1 is taken to logic low, VOUT1
turns on. When VOUT2 reaches 95% of its regulated
output voltage, PG2 goes to logic high. When VOUT1
reaches 95% of its regulated output voltage, PG1
goes to logic high. When VIN1 is greater than VUVLO
and MR (tied to PG2) is at logic high, RESET is
pulled to logic high after a 120-ms delay. When a
fault on VOUT1 causes it to fall below 95% of its
regulated output voltage, PG1 (tied to MR) goes to
logic low. Since MR is logic low, RESET goes to logic
low. VOUT2 is unaffected.
Figure 40. Timing When There is a Fault on VOUT1
Copyright © 2000–2010, Texas Instruments Incorporated
Submit Documentation Feedback
29



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com