Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GPAS1001 Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # GPAS1001
Description  Standard Surface Mount Rectifier Diode
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

GPAS1001 Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  GPAS1001 Datasheet HTML 1Page - Inchange Semiconductor Company Limited GPAS1001 Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Standard Surface Mount Rectifier Diode
GPAS1001
www.iscsemi.com
1
FEATURES
· High Current Capability
· High Efficiency, Low VF
· Low Power Loss
APPLICATIONS
· Switching Mode Converters and Inverters
· General Purpose
· DC to DC Converters
ABSOLUTE MAXIMUM RATINGS(Ta=25℃)
SYMBOL
PARAMETER
VALUE
UNIT
VRRM
VRWM
VR
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
50
V
IF(AV)
Average Rectified Forward Current
10
A
IFSM
Non-repetitive Peak Surge Current
(8.3ms single half sine wave)
150
A
TJ
Max. Junction Temperature
150
℃
Tstg
Storage Temperature Range
-55~150
℃
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
MAX
UNIT
Rth j-c
Thermal Resistance,Junction to Case
4.0
℃
/W
2
2
3
1


Similar Part No. - GPAS1001

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
GPAS1001 TSC-GPAS1001 Datasheet
205Kb / 2P
10.0 AMPS. Glass Passivated Rectifiers
More results

Similar Description - GPAS1001

ManufacturerPart #DatasheetDescription
logo
PACELEADER INDUSTRIAL
FM4001-M PACELEADER-FM4001-M Datasheet
268Kb / 2P
SURFACE MOUNT STANDARD RECOVERY RECTIFIER
S1AB PACELEADER-S1AB Datasheet
253Kb / 2P
SURFACE MOUNT STANDARD RECOVERY RECTIFIER
logo
YENYO TECHNOLOGY Co., L...
S1A YENYO-S1A Datasheet
798Kb / 2P
Surface Mount Standard Rectifier
logo
Semtech Corporation
1N5550US SEMTECH-1N5550US Datasheet
151Kb / 4P
Surface Mount Hermetically Sealed Standard Recovery Rectifier Diode
logo
YENYO TECHNOLOGY Co., L...
S2A YENYO-S2A Datasheet
658Kb / 2P
Surface Mount Standard Rectifier
S2AA YENYO-S2AA Datasheet
657Kb / 2P
Surface Mount Standard Rectifier
S3A YENYO-S3A Datasheet
660Kb / 2P
Surface Mount Standard Rectifier
S3AB YENYO-S3AB Datasheet
673Kb / 2P
Surface Mount Standard Rectifier
S5A YENYO-S5A Datasheet
660Kb / 2P
Surface Mount Standard Rectifier
S15A YENYO-S15A Datasheet
655Kb / 2P
Surface Mount Standard Rectifier
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com