Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCF4097BC1 Datasheet(PDF) 13 Page - STMicroelectronics

Part # HCF4097BC1
Description  ANALOG MULTIPLEXER/DEMULTIPLEXER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HCF4097BC1 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button HCF4097BC1 Datasheet HTML 8Page - STMicroelectronics HCF4097BC1 Datasheet HTML 9Page - STMicroelectronics HCF4097BC1 Datasheet HTML 10Page - STMicroelectronics HCF4097BC1 Datasheet HTML 11Page - STMicroelectronics HCF4097BC1 Datasheet HTML 12Page - STMicroelectronics HCF4097BC1 Datasheet HTML 13Page - STMicroelectronics HCF4097BC1 Datasheet HTML 14Page - STMicroelectronics HCF4097BC1 Datasheet HTML 15Page - STMicroelectronics HCF4097BC1 Datasheet HTML 16Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
Ceramic DIP24 MECHANICAL DATA
DIM.
mm
inch
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
A
32.3
1.272
B
13.05
13.36
0.514
0.526
C
3.9
5.08
0.154
0.200
D
3
0.118
E
0.5
1.78
0.020
0.070
e3
27.94
1.100
F
2.29
2.79
0.090
0.110
G
0.4
0.55
0.016
0.022
I
1.17
1.52
0.046
0.060
L
0.22
0.31
0.009
0.012
M
1.52
2.49
0.060
0.098
N1
4
° (min.), 15° (max.)
P
15.4
15.8
0.606
0.622
Q
5.71
0.225
P058C
HCC/HCF4067B HCC/HCF4097B
13/16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com