Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

151-5-R2 Datasheet(PDF) 2 Page - Howard Butler Ltd

Part # 151-5-R2
Description  15 SERIES MOULDED CASE CURRENT TRANSFORMERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOBUT [Howard Butler Ltd]
Direct Link  https://www.hobut.co.uk/
Logo HOBUT - Howard Butler Ltd

151-5-R2 Datasheet(HTML) 2 Page - Howard Butler Ltd

  151-5-R2 Datasheet HTML 1Page - Howard Butler Ltd 151-5-R2 Datasheet HTML 2Page - Howard Butler Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
15 SERIES MOULDED CASE
CURRENT TRANSFORMERS
TYPE 151
TYPE 153
42
68
75 14
28.6 35.5
45.5
50
56
58
45.5
50
56
58
42
68
75
13
15
23
25.4
32.6
28.6 35.5
Our policy is one of continuous development and therefore specifications may change without notice.
HOWARD BUTLER LTD
CROWN WORKS, LINCOLN ROAD
WALSALL WS1 2EB ENGLAND
Tel: 01922 640003 Fax: 01922 723626
International Tel: +44 1922 640003
E-mail: sales@hobut.co.uk
http://www.hobut.co.uk
CLASS 3
CLASS 0.5
CLASS 1
Denotes double wound / wound primary
VA 2.5
5
7.5 10 15 2.5
5
7.5 10 15 2.5
5
7.5 10
Primary
1
A1 A2
-
A4
-
A6 A7
-------
2.5 B1 B2
-
B4
-
B6 B7
-------
5
C1 C2
-
C4
-
C6 C7
-------
7.5 D1 D2
-
D4
-
D6 D7
-------
8
E1
E2
-
E4
-
E6
E7
-------
10
F1
F2
-
F4
-
F6
F7
-------
15 G1 G2
-
G4
-
G6 G7
-------
20 H1 H2
-
H4
-
H6 H7
-------
25
J1
J2
-
J4
-
J6
J7
-------
30 K1 K2
-
K4
-
K6 K7
-------
40
L1
L2
-
L4
-
L6
L7
-------
50 M1 M2
---
M6
--------
60 N1 N2
-
N4
-
N6
--------
75
P1
P2
-
P4
-
P6
--------
80 R1 R2
-
R4
-
R6
--------
100 S1
S2
-
S4
-
S6
S7
-
-
-
S11
-
-
-
CLASS 3
CLASS 0.5
CLASS 1
VA 2.5
5
7.5 10 15 2.5
5
7.5 10 15 2.5
5
7.5 10
Primary
75
P1
-------------
80 R1
-------------
100 S1
----
S6
--------
150 T1
T2
-
-
-
T6
T7
-
-
-
T11
-
-
-
200 V1 V2
-
-
-
V6 V7
-
-
-
V11 V12
-
-
250 W1 W2
-
-
-
W6 W7
-
-
- W11W12 -
-
300 X1 X2 X3
-
-
X6 X7
-
-
-
X11 X12
-
-
400 Y1 Y2
-
Y4
-
Y6 Y7 Y8
-
-
Y11 Y12 Y13 Y14
500 Z1
Z2
-
Z4
-
Z6
Z7
-
Z9
-
Z11 Z12 Z13 Z14
SUITABLE FOR:
Cables up to 14mm outside diameter, or a conducting
bush 14mm wide.
ORDER EXAMPLE:
A 50/5A 2.5VA class 1 current transformer is product
code 151-5-M6.
SUITABLE FOR:
Cables up to 26mm outside diameter, bars up to
30mm wide or a conducting bush 24mm wide.
ORDER EXAMPLE:
A 200/1A 5VA class 3 current transformer is product
code 153-1-V2.
STANDARD ACCESSORIES
• Type 151 and 153 are supplied with 4off M4 x 10 pan head with lock washers plus 2off 6.3 x 0.8 push on blades.
• Type 153 is supplied with 2off M4 x 40 pan head pozidrive screws
• Other fixing accessories available on request.
Type: 151-5 5A Secondary
151-1 1A Secondary
Type: 153-5 5A Secondary
153-1 1A Secondary
Dimensions (mm)
Dimensions (mm)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com