Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISU6126 Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # ISU6126
Description  Super Fast Recovery Diode
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

ISU6126 Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  ISU6126 Datasheet HTML 1Page - Inchange Semiconductor Company Limited ISU6126 Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Super Fast Recovery Diode
ISU6126
www.iscsemi.com
1
FEATURES
· Very Short Recovery Time
· Extremely Low Switching Losses
· Low Noise Switching
APPLICATIONS
· Switch Mode Power Supplies (SMPS)
· Uninterruptible Power Supplies (UPS)
· Snubber Diode
ABSOLUTE MAXIMUM RATINGS(Ta=25℃)
SYMBOL
PARAMETER
VALUE
UNIT
VRRM
VRWM
VR
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
1700
V
IF(AV)
Average Rectified Forward Current
75
A
IFSM
Non-repetitive Peak
Surge Current
t = 10ms (50Hz),
TVJ = 45℃
570
A
t = 8.3ms (60Hz),
TVJ = 45℃
600
t = 10ms (50Hz),
TVJ = 150℃
470
t = 8.3ms (60Hz),
TVJ = 150℃
500
TJ
Max. Junction Temperature
150
℃
Tstg
Storage Temperature Range
-40~150
℃
1
3


Similar Part No. - ISU6126

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
ISU6107 ISC-ISU6107 Datasheet
377Kb / 2P
Silicon CarbideSchottky Rectifier Diode
ISU6117 ISC-ISU6117 Datasheet
531Kb / 3P
Fast Recovery Diode
ISU6131 ISC-ISU6131 Datasheet
433Kb / 3P
Ultrafast Soft Recovery Diode
ISU6155 ISC-ISU6155 Datasheet
314Kb / 2P
Fast Recovery Rectifier Diode
ISU6156 ISC-ISU6156 Datasheet
298Kb / 2P
Fast Recovery Diode
More results

Similar Description - ISU6126

ManufacturerPart #DatasheetDescription
logo
Shindengen Electric Mfg...
DF10LC30 SHINDENGEN-DF10LC30 Datasheet
558Kb / 2P
Super Fast Recovery Diode
M2FL20U SHINDENGEN-M2FL20U Datasheet
605Kb / 2P
Super Fast Recovery Diode
logo
Rohm
RFU20TM5S ROHM-RFU20TM5S_11 Datasheet
1,019Kb / 4P
Super Fast Recovery Diode
RFUS20TM4S ROHM-RFUS20TM4S_11 Datasheet
993Kb / 4P
Super Fast Recovery Diode
RF2001NS3D ROHM-RF2001NS3D_11 Datasheet
1Mb / 5P
Super Fast Recovery Diode
RFN10NS3S ROHM-RFN10NS3S Datasheet
1Mb / 5P
Super Fast Recovery Diode
RFU02VS6S ROHM-RFU02VS6S Datasheet
1Mb / 5P
Super Fast Recovery Diode
RFUS10TF4S ROHM-RFUS10TF4S Datasheet
1Mb / 5P
Super Fast Recovery Diode
RFUS20NS4S ROHM-RFUS20NS4S_11 Datasheet
1Mb / 5P
Super Fast Recovery Diode
RF2L6STE25 ROHM-RF2L6STE25 Datasheet
358Kb / 4P
Super Fast Recovery Diode
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com