Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCF4512 Datasheet(PDF) 1 Page - STMicroelectronics

Part # HCF4512
Description  8-CHANNEL DATA SELECTOR
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HCF4512 Datasheet(HTML) 1 Page - STMicroelectronics

  HCF4512 Datasheet HTML 1Page - STMicroelectronics HCF4512 Datasheet HTML 2Page - STMicroelectronics HCF4512 Datasheet HTML 3Page - STMicroelectronics HCF4512 Datasheet HTML 4Page - STMicroelectronics HCF4512 Datasheet HTML 5Page - STMicroelectronics HCF4512 Datasheet HTML 6Page - STMicroelectronics HCF4512 Datasheet HTML 7Page - STMicroelectronics HCF4512 Datasheet HTML 8Page - STMicroelectronics HCF4512 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
HCC4512B
HCF4512B
8–CHANNEL DATA SELECTOR
DESCRIPTION
.
3-STATE OUTPUT
.
STANDARDIZED
SYMMETRICAL
OUTPUT
CHARACTERISTICS
.
QUIESCENT CURRENT SPECIFIED TO 20V
FOR HCC DEVICE
.
5V, 10V, AND 15V PARAMETRIC RATINGS
.
INPUT CURRENT OF 100nA AT 18V AND 25
°C
FOR HCC DEVICE
.
100% TESTED FOR QUIESCENT CURRENT
.
MEETS ALL REQUIREMENTS OF JEDEC TEN-
TATIVE STANDARD No. 13A, ”STANDARD
SPECIFICATIONS FOR DESCRIPTION OF ”B”
SERIES CMOS DEVICES”
June 1989
The HCC4512B (extended temperature range) and
HCF4512B (intermediate temperature range) are
monolithic integrated circuit, available in 16-lead
dual in-line plastic or ceramic package and plastic
micro package.
The HCC/HCF4512B is an 8-channel data selector
featuring a three-state output that can interface di-
rectly with, and drive, data lines of bus-oriented sys-
tems.
EY
(Plastic Package)
F
(Ceramic Package)
ORDER CODES :
HCC4512BF
HCF4512BM1
HCF4512BEY
HCF4512BC1
PIN CONNECTIONS
C1
(Chip Carrier)
M1
(Micro Package)
1/12


Similar Part No. - HCF4512

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
HCF4512B STMICROELECTRONICS-HCF4512B Datasheet
278Kb / 9P
8 CHANNEL DATA SELECTOR
Oct-2002
HCF4512BEY STMICROELECTRONICS-HCF4512BEY Datasheet
278Kb / 9P
8 CHANNEL DATA SELECTOR
Oct-2002
HCF4512BM1 STMICROELECTRONICS-HCF4512BM1 Datasheet
278Kb / 9P
8 CHANNEL DATA SELECTOR
Oct-2002
HCF4512B STMICROELECTRONICS-HCF4512B_02 Datasheet
278Kb / 9P
8 CHANNEL DATA SELECTOR
Oct-2002
HCF4512M013TR STMICROELECTRONICS-HCF4512M013TR Datasheet
278Kb / 9P
8 CHANNEL DATA SELECTOR
Oct-2002
More results

Similar Description - HCF4512

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC14512B ONSEMI-MC14512B Datasheet
178Kb / 8P
8-Channel Data Selector
March, 2000 ??Rev. 3
logo
Toshiba Semiconductor
TC4512BP TOSHIBA-TC4512BP Datasheet
261Kb / 7P
8-CHANNEL DATA SELECTOR
logo
Fairchild Semiconductor
CD4512BC FAIRCHILD-CD4512BC Datasheet
78Kb / 8P
8-Channel Buffered Data Selector
logo
Hitachi Semiconductor
HD14512B HITACHI-HD14512B Datasheet
81Kb / 7P
8-channel Data Selector
logo
List of Unclassifed Man...
MMC4512 ETC-MMC4512 Datasheet
116Kb / 4P
8-CHANNEL DATA SELECTOR
logo
Toshiba Semiconductor
TC4512BP TOSHIBA-TC4512BP_07 Datasheet
353Kb / 9P
8-Channel Data Selector
logo
STMicroelectronics
HCF4512B STMICROELECTRONICS-HCF4512B_02 Datasheet
278Kb / 9P
8 CHANNEL DATA SELECTOR
Oct-2002
logo
Texas Instruments
CD4512B TI1-CD4512B Datasheet
1Mb / 16P
CMOS 8-Channel Data Selector
CD4512B TI1-CD4512B_15 Datasheet
1Mb / 15P
CMOS 8-Channel Data Selector
logo
ON Semiconductor
MC14512B ONSEMI-MC14512B_14 Datasheet
110Kb / 6P
8-Channel Data Selector
July, 2014 ??Rev. 10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com