Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCF4070 Datasheet(PDF) 1 Page - STMicroelectronics

Part # HCF4070
Description  GATES
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HCF4070 Datasheet(HTML) 1 Page - STMicroelectronics

  HCF4070 Datasheet HTML 1Page - STMicroelectronics HCF4070 Datasheet HTML 2Page - STMicroelectronics HCF4070 Datasheet HTML 3Page - STMicroelectronics HCF4070 Datasheet HTML 4Page - STMicroelectronics HCF4070 Datasheet HTML 5Page - STMicroelectronics HCF4070 Datasheet HTML 6Page - STMicroelectronics HCF4070 Datasheet HTML 7Page - STMicroelectronics HCF4070 Datasheet HTML 8Page - STMicroelectronics HCF4070 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
HCC4070/77B
HCF4070/77B
September 1988
GATES
EY
(Plastic Package)
ORDER CODES :
HCC40XXBF
HCF40XXBM1
HCF40XXBEY
HCF40XXBC1
F
(Ceramic Package)
M1
(Micro Package)
C1
(Chip Carrier)
PIN CONNECTIONS
DESCRIPTION
.
MEDIUM-SPEED OPERATION tPHL =tPLH =
70ns (typ.) AT VCC = 10V, CL = 50pF
.
QUIESCENT CURRENT SPECIFIED TO 20V
FOR HCC DEVICE
.
5V, 10V AND 15V PARAMETRIC RATING
.
INPUT CURRENT OF 100nA AT 18V AND
25
°C FOR HCC DEVICE
.
100% TESTED FOR QUIESCENT CURRENT
.
MEETS ALL REQUIREMENTS OF JEDEC TEN-
TATIVE STANDARD No. 13A, ”STANDARD
SPECIFICATIONS FOR DESCRIPTION OF ”B”
SERIES CMOS DEVICES”
The HCC4070B/4077B (extended temperature
range) and HCF4070B/4077B (intermediate tem-
perature range) are monolithic integrated circuits,
available in 14-lead dual in-line plastic or ceramic
package and plastic micropackage.
The HCC/HCF4070B contains four independent ex-
clusive-OR gates.
The HCC/HCF4077B contains four independent ex-
clusive-NOR gates.
The HCC/HCF4070B and HCC/HCF4077B provide
the system designer with a means for direct im-
plementation of the exclusive-OR and exclusive-
NOR function, respectively. For applications as
Logical comparators, Adders/subtractors, Parity ge-
nerators and checkers.
4070B–QUAD EXCLUSIVE–OR GATE
4037B–QUAD EXCLUSIVE–NOR GATE
4070B
4077B
1/11


Similar Part No. - HCF4070

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
HCF4070 STMICROELECTRONICS-HCF4070 Datasheet
438Kb / 12P
Quad exclusive OR gate
06-Jan-2014
HCF4070B STMICROELECTRONICS-HCF4070B Datasheet
127Kb / 8P
QUAD EXCLUSIVE OR GATE
Mar-2004
HCF4070BEY STMICROELECTRONICS-HCF4070BEY Datasheet
127Kb / 8P
QUAD EXCLUSIVE OR GATE
Mar-2004
HCF4070BM1 STMICROELECTRONICS-HCF4070BM1 Datasheet
127Kb / 8P
QUAD EXCLUSIVE OR GATE
Mar-2004
HCF4070M013TR STMICROELECTRONICS-HCF4070M013TR Datasheet
127Kb / 8P
QUAD EXCLUSIVE OR GATE
Mar-2004
More results

Similar Description - HCF4070

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
HCC4011B STMICROELECTRONICS-HCC4011B Datasheet
287Kb / 12P
NAND GATES
Jun-1989
HCC4073B STMICROELECTRONICS-HCC4073B Datasheet
271Kb / 10P
AND GATES
Jun-1989
logo
Texas Instruments
CD4073B TI-CD4073B Datasheet
223Kb / 5P
CMOS AND GATES
logo
Fairchild Semiconductor
DM7404 FAIRCHILD-DM7404 Datasheet
45Kb / 4P
Hex Inverting Gates
logo
Microsemi Corporation
TSC306 MICROSEMI-TSC306 Datasheet
672Kb / 2P
NOR Gates
TSC321 MICROSEMI-TSC321 Datasheet
1Mb / 3P
NAND Gates
TSC325 MICROSEMI-TSC325 Datasheet
853Kb / 3P
NAND Gates
logo
Micro Electronics
MMC4011 MICRO-ELECTRONICS-MMC4011 Datasheet
106Kb / 4P
NAND GATES
logo
List of Unclassifed Man...
SP314 ETC-SP314 Datasheet
157Kb / 3P
NOR GATES
logo
Texas Instruments
SN54AHCT126 TI-SN54AHCT126_03 Datasheet
376Kb / 15P
QUADRUPLE BUS BUFFER GATES QUADRUPLE BUS BUFFER GATES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com