Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS3USB30 Datasheet(PDF) 12 Page - Texas Instruments

Part # TS3USB30
Description  TS3USB30 High-Speed USB 2.0 (480-MBPS) 1:2 Multiplexer/Demultiplexer Switch With Single Enable
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TS3USB30 Datasheet(HTML) 12 Page - Texas Instruments

Back Button TS3USB30 Datasheet HTML 8Page - Texas Instruments TS3USB30 Datasheet HTML 9Page - Texas Instruments TS3USB30 Datasheet HTML 10Page - Texas Instruments TS3USB30 Datasheet HTML 11Page - Texas Instruments TS3USB30 Datasheet HTML 12Page - Texas Instruments TS3USB30 Datasheet HTML 13Page - Texas Instruments TS3USB30 Datasheet HTML 14Page - Texas Instruments TS3USB30 Datasheet HTML 15Page - Texas Instruments TS3USB30 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 25 page
background image
D1+
D1–
D2+
D2–
Control
D+
D–
S
OE
TS3USB30
SCDS237F – AUGUST 2007 – REVISED AUGUST 2015
www.ti.com
8 Detailed Description
8.1 Overview
The TS3USB30 is a high-bandwidth switch specially designed for the switching and isolating of high-speed USB
2.0 signals in systems with limited USB I/Os. The wide bandwidth (955 MHz) of this switch allows signals to pass
with minimum edge and phase distortion. The device multiplexes differential outputs from a USB host device to
one of two corresponding outputs or from two different hosts to one corresponding output. The switch is
bidirectional and offers little or no attenuation of the high-speed signals at the outputs. It is designed for low bit-
to-bit skew and high channel-to-channel noise isolation, and is compatible with various standards, such as high-
speed USB 2.0 (480 Mbps).
8.2 Functional Block Diagram
8.3 Feature Description
The TS3USB30 has a bus-switch enable pin, OE, that can place the signal paths in high impedance. This allows
the user to isolate the bus when it is not in use and consume less current.
8.4 Device Functional Modes
The device functional modes are shown in Table 1.
Table 1. Truth Table
S
OE
FUNCTION
X
H
Disconnect
L
L
D = D1
H
L
D = D2
12
Submit Documentation Feedback
Copyright © 2007–2015, Texas Instruments Incorporated
Product Folder Links: TS3USB30



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com