Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS3USB30RSWR Datasheet(PDF) 13 Page - Texas Instruments

Part # TS3USB30RSWR
Description  TS3USB30 High-Speed USB 2.0 (480-MBPS) 1:2 Multiplexer/Demultiplexer Switch With Single Enable
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TS3USB30RSWR Datasheet(HTML) 13 Page - Texas Instruments

Back Button TS3USB30RSWR Datasheet HTML 9Page - Texas Instruments TS3USB30RSWR Datasheet HTML 10Page - Texas Instruments TS3USB30RSWR Datasheet HTML 11Page - Texas Instruments TS3USB30RSWR Datasheet HTML 12Page - Texas Instruments TS3USB30RSWR Datasheet HTML 13Page - Texas Instruments TS3USB30RSWR Datasheet HTML 14Page - Texas Instruments TS3USB30RSWR Datasheet HTML 15Page - Texas Instruments TS3USB30RSWR Datasheet HTML 16Page - Texas Instruments TS3USB30RSWR Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 25 page
background image
USB
Connector
SetTopBox
(STB)CPU
orDSP
Processor
USB2.0
Controller
DVRor
MassStorage
Controller
TS3USB30
Control
1D+
1D–
V
CC
2D+
2D–
D+
D–
S
OE
TS3USB30
www.ti.com
SCDS237F – AUGUST 2007 – REVISED AUGUST 2015
9 Application and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
9.1 Application Information
There are many USB applications in which the USB hubs or controllers have a limited number of USB I/Os. The
TS3USB30 solution can effectively expand the limited USB I/Os by switching between multiple USB buses in
order to interface them to a single USB hub or controller. TS3USB221 can also be used to connect a single
controller to two USB connectors or controllers.
9.2 Typical Application
Figure 13. Application Diagram
9.2.1 Design Requirements
Design requirements of the USB 1.0, 1.1, and 2.0 standards should be followed. TI recommends that the digital
control pins S and OE be pulled up to VCC or down to GND to avoid undesired switch positions that could result
from the floating pin.
9.2.2 Detailed Design Procedure
The TS3USB30 can be properly operated without any external components. However, it is recommended that
unused pins should be connected to ground through a 50-
Ω resistor to prevent signal reflections back into the
device.
Copyright © 2007–2015, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: TS3USB30



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com