Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS3USB30RSWR.A Datasheet(PDF) 5 Page - Texas Instruments

Part # TS3USB30RSWR.A
Description  TS3USB30 High-Speed USB 2.0 (480-MBPS) 1:2 Multiplexer/Demultiplexer Switch With Single Enable
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TS3USB30RSWR.A Datasheet(HTML) 5 Page - Texas Instruments

  TS3USB30RSWR.A Datasheet HTML 1Page - Texas Instruments TS3USB30RSWR.A Datasheet HTML 2Page - Texas Instruments TS3USB30RSWR.A Datasheet HTML 3Page - Texas Instruments TS3USB30RSWR.A Datasheet HTML 4Page - Texas Instruments TS3USB30RSWR.A Datasheet HTML 5Page - Texas Instruments TS3USB30RSWR.A Datasheet HTML 6Page - Texas Instruments TS3USB30RSWR.A Datasheet HTML 7Page - Texas Instruments TS3USB30RSWR.A Datasheet HTML 8Page - Texas Instruments TS3USB30RSWR.A Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
TS3USB30
www.ti.com
SCDS237F – AUGUST 2007 – REVISED AUGUST 2015
6.4 Thermal Information
TS3USB30
THERMAL METRIC(1)
RSW (UQFN)
UNIT
10 PINS
RθJA
Junction-to-ambient thermal resistance
117.6
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
67.7
°C/W
RθJB
Junction-to-board thermal resistance
23.2
°C/W
ψJT
Junction-to-top characterization parameter
1.9
°C/W
ψJB
Junction-to-board characterization parameter
23.2
°C/W
(1)
For more information about traditional and new thermal metrics, see Semiconductor and IC Package Thermal Metrics (SPRA953).
6.5 Electrical Characteristics
over operating free-air temperature range (unless otherwise noted)
(1)
PARAMETER
TEST CONDITIONS
MIN
TYP(2)
MAX
UNIT
VIK
Control input clamp voltage
VCC = 3 V, II = –18 mA
–1.2
V
VCC = 4.3 V, 0 V,
IIN
Control inputs
±1
μA
VIN = 0 to 4.3 V
D+ and D– OFF-state leakage
VCC = 4.3 V, VO = 0 to 3.6 V, VI = 0,
IOZ
±2
μA
current(3)
Switch OFF
VCC = 0 V, VO = 0 to 4.3 V,
IOFF
Powered off leakage current
±2
μA
VI = 0, VIN = VCC or GND
ICC
Supply current
VCC = 4.3 V, II/O = 0, Switch ON or OFF
1
μA
ΔICC
(4)
Control inputs
VCC = 4.3 V, VIN = 2.6 V
10
μA
Control inputs digital input
Cin
VCC = 0 V, VIN = VCC or GND
1
pF
capacitance
Cio(OFF)
OFF-state input capacitance
VCC = 3.3 V, VI/O = 3.3 V or 0, Switch OFF
2
pF
Cio(ON)
ON-state input capacitance
VCC = 3.3 V, VI/O = 3.3 V or 0, Switch ON
7
pF
RON
ON-state resistance(5)
VCC = 3 V, VI = 0.4, IO = –8 mA
6
10
Ω
ON-state resistance match between
ΔRON
VCC = 3 V, VI = 0.4, IO = –8 mA
0.35
Ω
channels
RON(flat)
ON-state resistance flatness
VCC = 3 V, VI = 0 V or 1 V, IO = –8 mA
2
Ω
(1)
VIN and IIN refer to control inputs. VI, VO, II, and IO refer to data pins.
(2)
All typical values are at VCC = 3.3 V (unless otherwise noted), TA = 25°C.
(3)
For I/O ports, the parameter IOZ includes the input leakage current.
(4)
This is the increase in supply current for each input that is at the specified TTL voltage level, rather than VCC or GND.
(5)
Measured by the voltage drop between the A and B terminals at the indicated current through the switch. ON-state resistance is
determined by the lower of the voltages of the two (A or B) terminals.
6.6 Dynamic Electrical Characteristics
over operating range, TA = –40°C to 85°C, VCC = 3.3 V ± 10%, GND = 0 V
PARAMETER
TEST CONDITIONS
TYP(1)
UNIT
XTALK
Crosstalk
RL = 50 Ω, f = 240 MHz, See Figure 6
–56
dB
OISO
OFF isolation
RL = 50 Ω, f = 240 MHz, See Figure 5
–39
dB
BW
Bandwidth (–3 dB)
RL = 50 Ω, CL = 5 pF, See Figure 7
955
MHz
(1)
For Max or Min conditions, use the appropriate value specified under Electrical Characteristics for the applicable device type.
Copyright © 2007–2015, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: TS3USB30



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com