Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS3USB30EDGSR Datasheet(PDF) 13 Page - Texas Instruments

Part # TS3USB30EDGSR
Description  TS3USB30E ESD-Protected, High-Speed USB 2.0 (480Mbps) 1:2 Multiplexer/Demultiplexer Switch With Single Enable
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TS3USB30EDGSR Datasheet(HTML) 13 Page - Texas Instruments

Back Button TS3USB30EDGSR Datasheet HTML 9Page - Texas Instruments TS3USB30EDGSR Datasheet HTML 10Page - Texas Instruments TS3USB30EDGSR Datasheet HTML 11Page - Texas Instruments TS3USB30EDGSR Datasheet HTML 12Page - Texas Instruments TS3USB30EDGSR Datasheet HTML 13Page - Texas Instruments TS3USB30EDGSR Datasheet HTML 14Page - Texas Instruments TS3USB30EDGSR Datasheet HTML 15Page - Texas Instruments TS3USB30EDGSR Datasheet HTML 16Page - Texas Instruments TS3USB30EDGSR Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
8 Application and Implementation
Note
Information in the following applications sections is not part of the TI component specification,
and TI does not warrant its accuracy or completeness. TI’s customers are responsible for
determining suitability of components for their purposes, as well as validating and testing their design
implementation to confirm system functionality.
8.1 Application Information
There are many USB applications in which the USB hubs or controllers have a limited number of USB I/Os. The
TS3USB30E solution can effectively expand the limited USB I/Os by switching between multiple USB buses to a
single USB hub or controller. The TS3USB30E can also be used to connect a single USB controller to two USB
connectors or controllers.
8.2 Typical Application
USB
Connector
SetTopBox
(STB)CPU
orDSP
Processor
USB2.0
Controller
DVRor
MassStorage
Controller
TS3USB30E
Control
1D+
1D–
V
CC
2D+
2D–
D+
D–
S
OE
Figure 8-1. Application Diagram
8.2.1 Design Requirements
Design requirements of the USB 1.0, 1.1, and 2.0 standards should be followed. TI recommends that the digital
control pins S and OE be pulled up to VCC or down to GND to avoid undesired switch positions that could result
from the floating pin.
8.2.2 Detailed Design Procedure
The TS3USB30E can be properly operated without any external components. However, TI recommends to
connect any unused pins to ground through a 50Ω resistor to prevent signal reflections back into the device.
www.ti.com
TS3USB30E
SCDS255G – DECEMBER 2008 – REVISED OCTOBER 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
13
Product Folder Links: TS3USB30E



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com