Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PRO225LM Datasheet(PDF) 4 Page - AEROTECH US. ALL RIGHTS RESERVED.

Part # PRO225LM
Description  Mechanical Bearing, Direct-Drive Linear Stage
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROTECH [AEROTECH US. ALL RIGHTS RESERVED.]
Direct Link  https://www.aerotech.com/
Logo AEROTECH - AEROTECH US. ALL RIGHTS RESERVED.

PRO225LM Datasheet(HTML) 4 Page - AEROTECH US. ALL RIGHTS RESERVED.

  PRO225LM Datasheet HTML 1Page - AEROTECH US. ALL RIGHTS RESERVED. PRO225LM Datasheet HTML 2Page - AEROTECH US. ALL RIGHTS RESERVED. PRO225LM Datasheet HTML 3Page - AEROTECH US. ALL RIGHTS RESERVED. PRO225LM Datasheet HTML 4Page - AEROTECH US. ALL RIGHTS RESERVED. PRO225LM Datasheet HTML 5Page - AEROTECH US. ALL RIGHTS RESERVED. PRO225LM Datasheet HTML 6Page - AEROTECH US. ALL RIGHTS RESERVED. PRO225LM Datasheet HTML 7Page - AEROTECH US. ALL RIGHTS RESERVED. PRO225LM Datasheet HTML 8Page - AEROTECH US. ALL RIGHTS RESERVED.  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
aerotech.com
PRO225LM ORDERING OPTIONS
Travel (Required)
-0100 100 mm travel stage
-0200 200 mm travel stage
-0300 300 mm travel stage
-0400 400 mm travel stage
-0500 500 mm travel stage
-0600 600 mm travel stage
-0800 800 mm travel stage
-1000 1000 mm travel stage
Other travel options are available upon request. Contact Aerotech for more information.
Tabletop (Required)
-TT1
Tabletop with metric dimension mounting
NOTE: -TT1 option required for lower axis of XY.
Other tabletop options are available upon request. Contact Aerotech for more information.
Feedback (Required)
-E1
Incremental linear encoder, 1 Vpp
-E2
Incremental linear encoder, 0.1 µm digital TTL output
Other feedback options are available upon request. Contact Aerotech for more information.
Cable Management (Required)
-CMS0 No external CMS, motor/feedback connector bracket on carriage
-CMS1 External CMS for single axis
-CMS2 External CMS for lower-axis of two-axis PRO (XY) assembly
-CMS3 External CMS for lower-axis of two-axis (XZ or XT) assembly
-CMS4 External CMS for upper-axis of two-axis PRO (XY) assembly
-CMS5 External CMS for upper-axis of two-axis (YZ or YT) assembly
-CMS6 External CMS for lower-axis of three-axis (XYZ or XYT) assembly
-CMS7 External CMS for lower-axis of three-axis (XZT) assembly
-CMS8 External CMS for upper-axis of four-axis (XYZT) assembly
-CMS9 External CMS for lower-axis of four-axis (XYZT) assembly
Lifting Hardware (Optional)
-LF
Lifting hardware
NOTE: Lifting option only available on travels 300 mm and greater. Lifting should never be ordered on the upper-axis
of an XY set (only order on lower-axis).
ThermoComp (Optional)
-TCMP ThermoComp integrated thermal compensation, single or lower axis



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com