Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS5V330CDR Datasheet(PDF) 3 Page - Texas Instruments

Part # TS5V330CDR
Description  QUAD SPDT WIDE BANDWIDTH VIDEO SWITCH WITH LOW ON-STATE RESISTANCE
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TS5V330CDR Datasheet(HTML) 3 Page - Texas Instruments

  TS5V330CDR Datasheet HTML 1Page - Texas Instruments TS5V330CDR Datasheet HTML 2Page - Texas Instruments TS5V330CDR Datasheet HTML 3Page - Texas Instruments TS5V330CDR Datasheet HTML 4Page - Texas Instruments TS5V330CDR Datasheet HTML 5Page - Texas Instruments TS5V330CDR Datasheet HTML 6Page - Texas Instruments TS5V330CDR Datasheet HTML 7Page - Texas Instruments TS5V330CDR Datasheet HTML 8Page - Texas Instruments TS5V330CDR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
TS5V330C
www.ti.com
SCDS276B – APRIL 2009 – REVISED DECEMBER 2009
PARAMETER DEFINITIONS
PARAMETER
DESCRIPTION
rON
Resistance between the D and S ports with the switch in the ON-state
IOZ
Output leakage current measured at the D and S ports with the switch in the OFF-state
IOS
Short circuit current measured at the I/O pins.
VIN
Voltage at the IN pin
VEN
Voltage at the EN pin
CIN
Capacitance at the control inputs (EN, IN)
COFF
Capacitance at the analog I/O port when the switch is OFF
CON
Capacitance at the analog I/O port when the switch is ON
VIH
Minimum input voltage for logic high for the control inputs (EN, IN)
VIL
Minimum input voltage for logic low for the control inputs (EN, IN)
VH
Hysteresis voltage at the control inputs (EN, IN)
VIK
I/O and control inputs diode clamp voltage (EN, IN)
VI
Voltage applied to the D or S pins when D or S is the switch input.
VO
Voltage applied to the D or S pins when D or S is the switch output.
IIH
Input high leakage current of the control inputs (EN, IN)
IIL
Input low leakage current of the control inputs (EN, IN)
II
Current into the D or S pins when D or S is the switch input.
IO
Current into the D or S pins when D or S is the switch output.
Ioff
Output leakage current measured at the D and S ports with VCC = 0
Propagation delay measured between 50% of the digital input to 90% of the analog output when switch is turned
tON
ON.
Propagation delay measured between 50% of the digital input to 90% of the analog output when switch is turned
tOFF
OFF.
BW
Frequency response of the switch in the ON-state measured at –3 dB
Unwanted signal coupled from channel to channel. Measured in –dB. XTALK = 20 LOG VOUT/VIN. This is a
XTALK
non-adjacent crosstalk.
OIRR
Off-isolation is the resistance (measured in –dB) between the input and output with the switch OFF.
Magnitude variation between analog input and output pins when the switch is ON and the DC offset of composite
DG
video signal varies at the analog input pin. In NTSC standard the frequency of the video signal is 3.58 MHz and
DC offset is from 0 to 0.714 V.
Phase variation between analog input and output pins when the switch is ON and the DC offset of composite
DP
video signal varies at the analog input pin. In NTSC standard the frequency of the video signal is 3.58 MHz and
DC offset is from 0 to 0.714 V.
ICC
Static power supply current
ICCD
Variation of ICC for a change in frequency in the control inputs (EN, IN)
This is the increase in supply current for each control input that is at the specified voltage level, rather than VCC or
ΔICC
GND.
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): TS5V330C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com