Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PRO560SL Datasheet(PDF) 2 Page - AEROTECH US. ALL RIGHTS RESERVED.

Part # PRO560SL
Description  Mechanical Bearing, Ball-Screw Stage
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROTECH [AEROTECH US. ALL RIGHTS RESERVED.]
Direct Link  https://www.aerotech.com/
Logo AEROTECH - AEROTECH US. ALL RIGHTS RESERVED.

PRO560SL Datasheet(HTML) 2 Page - AEROTECH US. ALL RIGHTS RESERVED.

  PRO560SL Datasheet HTML 1Page - AEROTECH US. ALL RIGHTS RESERVED. PRO560SL Datasheet HTML 2Page - AEROTECH US. ALL RIGHTS RESERVED. PRO560SL Datasheet HTML 3Page - AEROTECH US. ALL RIGHTS RESERVED. PRO560SL Datasheet HTML 4Page - AEROTECH US. ALL RIGHTS RESERVED. PRO560SL Datasheet HTML 5Page - AEROTECH US. ALL RIGHTS RESERVED. PRO560SL Datasheet HTML 6Page - AEROTECH US. ALL RIGHTS RESERVED.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
aerotech.com
PRO560SL SPECIFICATIONS
Electrical Specifications
Drive System
Brushless Linear Servomotor
Feedback (Rotary Encoder)(1)
Incremental – 1000 lines/rev (1 Vpp) and 2500 lines/rev (TTL)
Maximum Bus Voltage
340 VDC
Limit Switches
5 V, Normally-Closed
Notes:
1. Certified with -PL1/-PL2 options.
2. Achieved with Aerotech rotary motor with amplified sine encoder.
3. Achieved with Aerotech rotary motor with 2500 cnts/rev digital encoder.
4. Requires the selection of an appropriate amplifier with sufficient voltage and current.
5. Axis-orientation for on-axis loading is listed.
6. Specifications are for single-axis systems measured 25 mm above the tabletop. Performance of multi-axis systems is payload and workpoint dependent.
Contact factory for multi-axis applications.
1. Requires the selection of a motor option.
Mechanical Specifications
PRO560SL
Travel
300
400
500
600
800
1000
Accuracy(1)
Standard
±9.5 µm
±11 µm
±13 µm
±15 µm
±17 µm
±18 µm
Calibrated
±1.5 µm
±1.5 µm
±2 µm
±2 µm
±2.5 µm
±3 µm
Resolution (Min. Incremental Motion)
0.1 µm(2); 1.0 µm(3)
Bidirectional Repeatability(1)
±1 µm
Hortizontal Straightness(1)
±3 µm
±4 µm
±5 µm
±6 µm
±7 µm
±8.5 µm
Vertical Straightness(1)
±3µm
±4 µm
±5 µm
±6 µm
±7 µm
±8.5 µm
Pitch
49 µrad
60 µrad
70 µrad
78 µrad
90 µrad
110 µrad
Roll
39 µrad
44 µrad
53 µrad
58 µrad
73 µrad
87 µrad
Yaw
49 µrad
60 µrad
70 µrad
78 µrad
90 µrad
110 µrad
Maximum Speed(4)
220 mm/s
140 mm/s
Maximum Acceleration(4)
Function of Motor, Amplifier Selection, Payload, and Maximum Axial Load
Load Capacity(5)
Horizontal
150 kg
Vertical (Axial)
70 kg
Side
150 kg
Moving Mass (w/ Tabletop)
24.6 kg
Stage Mass (No Motor)
63.7 kg
68.6 kg
73.5 kg
78.4 kg
88.2 kg
98.0 kg
Material
Anodized Aluminum
MTBF (Mean Time Between Failure)
20,000 Hours



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com