Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB1002AIRGERG4 Datasheet(PDF) 26 Page - Texas Instruments

Part # TUSB1002AIRGERG4
Description  TUSB1002A USB3.2 10Gbps Dual-Channel Linear Redriver
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TUSB1002AIRGERG4 Datasheet(HTML) 26 Page - Texas Instruments

Back Button TUSB1002AIRGERG4 Datasheet HTML 22Page - Texas Instruments TUSB1002AIRGERG4 Datasheet HTML 23Page - Texas Instruments TUSB1002AIRGERG4 Datasheet HTML 24Page - Texas Instruments TUSB1002AIRGERG4 Datasheet HTML 25Page - Texas Instruments TUSB1002AIRGERG4 Datasheet HTML 26Page - Texas Instruments TUSB1002AIRGERG4 Datasheet HTML 27Page - Texas Instruments TUSB1002AIRGERG4 Datasheet HTML 28Page - Texas Instruments TUSB1002AIRGERG4 Datasheet HTML 29Page - Texas Instruments TUSB1002AIRGERG4 Datasheet HTML 30Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 38 page
background image
7.3.3 Application Curves
Figure 7-7. PCIe Gen1 TX Eye Diagram
Figure 7-8. PCIe Gen 3 TX Eye Diagram
7.4 Power Supply Recommendations
The TUSB1002A has two VCC supply pins. TI recommends to place a 100nF de-coupling capacitor near each of
the VCC pins. TI also recommends to have at least one bulk capacitor of at least 10µF on the VCC plane near the
TUSB1002A.
7.5 Layout
7.5.1 Layout Guidelines
• Route RXP/N and TXP/N pairs with controlled 90Ω differential impedance (±15%).
• Keep away from other high speed signals.
• In USB3 applications maintaining polarity through the TUSB1002A is not necessary. Therefore, TI
recommends connecting polarity in such a way that produces the best routing.
• Keep intra-pair routing to within 2mils.
• Intra-pair length matching must be near the location of mismatch.
• Inter-pair length matching is not necessary.
• Separate each pair at least by 3 times the signal trace width.
• Keep the use of bends in differential traces to a minimum. When bends are used, keep the number of left and
right bends equal as possible and the angle of the bend should be ≥ 135 degrees. This minimizes any length
mismatch causes by the bends; ad therefore, minimize the impact bends have on EMI.
• Route all differential pairs on the same of layer.
• The number of VIAS must be kept to a minimum. TI recommends keeping the VIAS count to 2 or less.
• Keep traces on layers adjacent to ground plane.
• Do NOT route differential pairs over any plane split.
• When using thru-hole USB connectors, it is recommend to route differential pairs on bottom layer in order to
minimize the stub created by the thru-hole connector.
• Adding Test points causes impedance discontinuity; and therefore, negatively impact signal performance. If
test points are used, place the test points in series and symmetrically. They must not be placed in a manner
that causes a stub on the differential pair.
TUSB1002A
SLLSF63C – MARCH 2018 – REVISED JULY 2024
www.ti.com
26
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: TUSB1002A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com