Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB1002AIRGET Datasheet(PDF) 17 Page - Texas Instruments

Part # TUSB1002AIRGET
Description  TUSB1002A USB3.2 10Gbps Dual-Channel Linear Redriver
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TUSB1002AIRGET Datasheet(HTML) 17 Page - Texas Instruments

Back Button TUSB1002AIRGET Datasheet HTML 13Page - Texas Instruments TUSB1002AIRGET Datasheet HTML 14Page - Texas Instruments TUSB1002AIRGET Datasheet HTML 15Page - Texas Instruments TUSB1002AIRGET Datasheet HTML 16Page - Texas Instruments TUSB1002AIRGET Datasheet HTML 17Page - Texas Instruments TUSB1002AIRGET Datasheet HTML 18Page - Texas Instruments TUSB1002AIRGET Datasheet HTML 19Page - Texas Instruments TUSB1002AIRGET Datasheet HTML 20Page - Texas Instruments TUSB1002AIRGET Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 38 page
background image
Table 6-3. VOD Linear Range and DC Gain (continued)
SETTING #
CFG1 PIN LEVEL
CFG2 PIN LEVEL
CH1 DC GAIN (dB)
CH2 DC GAIN (dB)
CH1 VOD LINEAR
RANGE (mVpp)
CH2 VOD LINEAR
RANGE (mVpp)
16
1
1
+1
0
1200
1200
6.3.4 USB3.2 Dual Channel Operation (MODE = “F”)
TheTUSB1002A in dual-channel operation waits for far-end terminations on both channels 1 and 2 before
transitioning to fully active state (U0 mode). This mode of operation, defined as MODE pin = ‘F’, is the most
common configurable for USB3.2 Source (DFP) and Sink (UFP) applications.
In a USB3.2 x2 application, two TUSB1002A redrivers are used: One on the configuration lane and the other
on the non-configuration lane. The TUSB1002A on the non-configuration lane must be placed in basic redriver
mode (MODE pin = "0"). Place the TUSB1002A on the configuration lane in USB3.2 dual channel operation
(MODE pin = "F"). The expectation is the USB power delivery (PD) controller will hold both TUSB1002A in
shutdown mode until a connection can be established. After a connection is established, the USB PD controller
places each TUSB1002A into the appropriate mode.
6.3.5 USB3.2 Single Channel Operation (MODE = “1”)
In some applications, like Type-C USB3.2 active cables, only one of the two channels may be active. For
this application, setting MODE pin = ‘1’, enables single-channel operation. In this mode of operation, the
TUSB1002A attempts far-end termination on both channels 1 and 2. The channel which has a far-end
termination detected is enabled while the remaining channel is disabled. If far-end termination is detected on
both channels, then TUSB1002A behaves in dual channel operation (both channels enabled).
6.3.6 PCIe/SATA/SATA Express Redriver Operation (MODE = “R”; CFG1 = "0"; CFG2 = "0" )
The TUSB1002A can be used as a PCI Express (PCIe) Gen3, SATA Gen3, or SATA Express redriver. When
the MODE pin = “R”, CFG1 pin = "0", and CFG2 pin = "0", the TUSB1002A enables both channels (upstream
and downstream) receiver and transmitter paths after the device detects far-end termination on both TX1 and
TX2. Both upstream and downstream paths remain enabled until EN pin is deasserted low. All USB3.2 power
management functionality is disabled in this mode. In this mode, the TUSB1002A is transparent to PCIe link
power management (L0s, L1) and SATA interface power states. After far-end termination is detected on both
TX1 and TX2, the TUSB1002A power is at P(U0_SSP_1200mV) regardless of the PCIe or SATA power state. To
save power during system S3/S4/S5 states it is suggested to deassert the EN pin to conserve power.
Note
In this mode the linearity range is fixed at 1200mVpp and DC gain to 0dB.
6.3.7 Basic Redriver Operation (MODE = “0”)
The TUSB1002A can be used as a basic redriver for non-USB3.2 x1 applications. When the TUSB1002A MODE
pin = “0”, the TUSB1002A enables both channels receiver and transmitter paths. The channel receiver and
transmitter termination are both enabled. All USB3.2 power management functionality is disabled.
www.ti.com
TUSB1002A
SLLSF63C – MARCH 2018 – REVISED JULY 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
17
Product Folder Links: TUSB1002A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com