Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HOLDER Datasheet(PDF) 5 Page - Klein Tools, Inc.

Part # HOLDER
Description  IRONWORKERS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KLEIN [Klein Tools, Inc.]
Direct Link  https://www.kleintools.com/
Logo KLEIN - Klein Tools, Inc.

HOLDER Datasheet(HTML) 5 Page - Klein Tools, Inc.

  HOLDER Datasheet HTML 1Page - Klein Tools, Inc. HOLDER Datasheet HTML 2Page - Klein Tools, Inc. HOLDER Datasheet HTML 3Page - Klein Tools, Inc. HOLDER Datasheet HTML 4Page - Klein Tools, Inc. HOLDER Datasheet HTML 5Page - Klein Tools, Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Cat.No.
UPC 0-92644+
Description
Dimensions (L x W x H)
5859SLVR
55784-2
Adjustable Connecting Bar Holder,
Patent Pending
3.25" x 3.50" x 6" (8.26 x 8.89 x 15.24 cm)
5818P3
55783-5
Three Pocket Leather Tool Holder
6" x 2" x 8" (15.24 x 5.08 x 20.32 cm)
5816LFR
55781-1
Hybrid Leather and Flame-Resistant Canvas Bolt Bag
11" x 4.50" x 10" (27.94 x 11.43 x 25.4 cm)
5817
55782-8
Multi-Functional Bull Pin Holder
3" x 2" x 8" (7.62 x 5.08 x 20.32 cm)
5860
55780-4
Heavy Duty Spud Wrench Holder
6" x 2" x 7.50" (15.24 x 5.08 x 19.05 cm)
5890
21021-1
Tool Holder Tension Straps
15" x 0.58" x 0.15" (38.1 x 1.5 x 0.4 cm)
5826M
21012-9
Quick Release Leather Belt, Medium, 28" to 36" (71 cm to 91cm)
41.50" x 0.25" x 2" (105.41 x 0.64 x 5.08 cm)
5826L
21013-6
Quick Release Leather Belt, Large, 32" and 40" (81 cm to 101cm)
46.88" x 0.25" x 2" (119.06 x 0.64 x 5.08 cm)
5826XL
21014-3
Quick Release Leather Belt, Extra Large, 36" to 44" (91 cm to 111 cm)
50.88" x 0.25" x 2" (129.22 x 0.64 x 5.08 cm)
27500
64039-1
Quick-Lock Tie Wire Reel
6.29" x 6.29" x 4" (15.98 x 15.98 x 10.16 cm)
H80612
81014-5
Welder’s Chipping Hammer
9.89" x 6.68" x 1.22" (25.12 x 16.97 x 3.10 cm)
H80696
81115-9
6 LB Beater-Sledgehammer
16.7" x 5" x 2.49" (42.4 x 12.7 x 6.3 cm)
Cat.No.
UPC 0-92644+
5800IWBM
21003-7
5800IWBL
21017-4
5800IWBXL
21018-1
5800HPBM
21004-4
5800HPBL
21015-0
5800HPBXL
21016-7
5800HRN
21020-4
Description
Complete Iron Worker
Toolbelt System,
Medium
2" (51mm) wide,
full-grain leather
medium 28" to 36"
(71 cm to 91cm)
Complete Iron Worker
Toolbelt System,
Large
2" (51mm) wide,
full-grain leather large
32"and 40"
(81 cm to 101cm)
Complete Iron Worker
Toolbelt System,
Extra Large
2" (51mm) wide,
full-grain leather extra
large 36" to 44"
(91 cm to 111 cm)
Rodbuster Toolbelt
Set, Medium
2" (51mm) wide,
full-grain leather
medium 28" to 36"
(71 cm to 91cm)
Rodbuster Toolbelt
Set, Large
2" (51mm) wide,
full-grain leather
large 32" and 40"
(81 cm to 101cm)
Rodbuster Toolbelt
Set, Extra Large
2" (51mm) wide,
full-grain leather
extra large 36" to 44"
(91 cm to 111 cm)
Ironworker
Tool Holder
Essentials Kit
Quick-Release
Leather Belt
Bolt Bag
x2
Heavy-Duty Spud
Wrench Holder
Adjustable Connecting
Bar Holder
Multi-Functional
Bull Pin Holder
4x Tension Straps
Three Pocket
Tool Holder
Pro-Pad
© 2023 Klein Tools, Inc.
Lincolnshire, IL 60069
78336 Rev. 10/23 A
www.kleintools.com
See our complete line of Ironworker Tools
PRODUCTS
PRODUCT KITS



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com