Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

5890 Datasheet(PDF) 3 Page - Klein Tools, Inc.

Part # 5890
Description  IRONWORKERS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KLEIN [Klein Tools, Inc.]
Direct Link  https://www.kleintools.com/
Logo KLEIN - Klein Tools, Inc.

5890 Datasheet(HTML) 3 Page - Klein Tools, Inc.

  5890 Datasheet HTML 1Page - Klein Tools, Inc. 5890 Datasheet HTML 2Page - Klein Tools, Inc. 5890 Datasheet HTML 3Page - Klein Tools, Inc. 5890 Datasheet HTML 4Page - Klein Tools, Inc. 5890 Datasheet HTML 5Page - Klein Tools, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
5826-series LEATHER BelT
5826M, 5826L, 5826XL
Quick-release buckle allows user to immediately
disengage the belt when needed
Adjustable
Connecting Bar
Holder
5859SLVR
Holder locks bar at 0-degree,
30-degree, and 60-degree
angles for both left and
right-handed use
Heavy-Duty
Spud Wrench
Holder
5860
Resists wear and
tear, while optimizing
position on the body
Three Pocket
Leather Tool Holder
5818P3
Three pocket storage for organizing pliers,
cutters, and measuring tools
MULTI-
FUNCTIONAL
BULL PIN
HOLDER
5817
Compact and efficient
two tool storage or one
tool and anchor point
for tethering up to 5 lbs
(2.3kg)
Tool Holder
TENSION
STRAPS
5890
Heat-resistant
aramid fiber straps
add resistance to
tool holder to reduce
sliding on most nylon,
leather, and canvas
belts



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com