Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCC4051 Datasheet(PDF) 4 Page - STMicroelectronics

Part # HCC4051
Description  ANALOG MULTIPLEXERS-DEMULTIPLEXERS
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HCC4051 Datasheet(HTML) 4 Page - STMicroelectronics

  HCC4051 Datasheet HTML 1Page - STMicroelectronics HCC4051 Datasheet HTML 2Page - STMicroelectronics HCC4051 Datasheet HTML 3Page - STMicroelectronics HCC4051 Datasheet HTML 4Page - STMicroelectronics HCC4051 Datasheet HTML 5Page - STMicroelectronics HCC4051 Datasheet HTML 6Page - STMicroelectronics HCC4051 Datasheet HTML 7Page - STMicroelectronics HCC4051 Datasheet HTML 8Page - STMicroelectronics HCC4051 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
STATIC ELECTRICAL CHARACTERISTICS (over recommended operating conditions)
Test Conditions
Val ue
VIS
VEE
VSS
VDD
TLow*
25
°CT
High*
Symbol
Parameter
(V)
(V)
(V)
(V)
Min.
Max.
Min.
Typ.
Max.
Min.
Max.
Unit
IL
Quiescent
Device
Current
HCC
Types
5
5
0.04
5
150
µA
10
10
0.04
10
300
15
20
0.04
20
600
20
100
0.08
100
3000
HCF
Types
5
20
0.04
20
150
10
40
0.04
40
300
15
80
0.04
80
600
SWITCH
ON
Resistance
HCC
Types
0
≤ V
I
≤ V
DD
00
5
880
470
1050
1200
Ω
10
310
180
400
580
15
220
125
280
400
HCF
Types
0
≤ V
I
≤ V
DD
00
5
880
470
1050
1200
10
330
180
400
520
15
230
125
280
360
∆ON
Resistance
∆R
ON
(between any 2
channels)
00
510
Ω
10
10
15
5
OFF (
•)
Channel
Leakage
Current
Any
Channel
OFF
HCC
Types
0
0
18
100
± 0.1 100
1000
nA
All
Channels
OFF
(common
OUT/IN)
HCC
Types
0
0
18
100
± 0.1 100
1000
nA
Any
Channel
OFF
HCF
Types
0
0
15
300
± 0.1 300
1000
nA
All
Channels
OFF
(common
OUT/IN)
HCF
Types
0
0
15
300
± 0.1 300
1000
nA
C
Capaci-
tance
Input
5
pF
Output 4051
–5
–5
5
30
Output 4052
18
Output 4053
9
Feedthrough
0.2
CONTROL (Address or Inhibit)
VIL
Input Low Voltage
= VDD
Thru
1K
Ω
VEE =VSS
RL =1KΩ
to VSS
IIS <2µA
(on all off
channels)
5
1.5
1.5
1.5
V
10
3
3
3
15
4
4
4
VIH
Input High Voltage
5
3.5
3.5
3.5
V
10
7
7
7
15
11
11
11
IIH,IIL
Input
Leakage
Current
HCC
Types
VI = 0/18V
18
± 0.1
±10–3 ± 0.1
± 1
µA
HCF
Types
VI = 0/15V
15
± 0.3
±10–3 ± 0.3
± 1
CI
Input Capacitance
Any Address or Inhibit
Input
5
7.5
pF
(
•) Determined by minimum feasible leakage measurement for automatic testing.
(*) TLow =– 55
°C for HCC device : – 40°Cfor HCF device.
(*) THigh = + 125
°Cfor HCC device : + 85°C for HCF device.
HCC/HCF4051B/52B/53B
4/17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com