Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCF4054 Datasheet(PDF) 9 Page - STMicroelectronics

Part # HCF4054
Description  LIQUID-CRYSTAL DISPLAY DRIVERS
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HCF4054 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button HCF4054 Datasheet HTML 5Page - STMicroelectronics HCF4054 Datasheet HTML 6Page - STMicroelectronics HCF4054 Datasheet HTML 7Page - STMicroelectronics HCF4054 Datasheet HTML 8Page - STMicroelectronics HCF4054 Datasheet HTML 9Page - STMicroelectronics HCF4054 Datasheet HTML 10Page - STMicroelectronics HCF4054 Datasheet HTML 11Page - STMicroelectronics HCF4054 Datasheet HTML 12Page - STMicroelectronics HCF4054 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
TYPICAL APLLICATIONS (continued)
Figure 12 : Single-digit Liquid Crystal Display.
BCD IN FROM
DTL, TTL, OR
COS/MOS LOGIC
OPTION 1
VDD
0V
VSS
–5V
VEE
–15V
OPTION 2
VDD
+5V
VSS
0V
VEE
– 10V
Figure 13 : Conversion of ”H” Display to ”F” Display.
HCC/HCF4054B/55B/56B
9/15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com