Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FGS.2M.319.CLMM Datasheet(PDF) 1 Page - LEMO Connectors

Part # FGS.2M.319.CLMM
Description  M - Rugged Ratchet coupling
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEMO [LEMO Connectors]
Direct Link  https://www.lemo.com/en
Logo LEMO - LEMO Connectors

FGS.2M.319.CLMM Datasheet(HTML) 1 Page - LEMO Connectors

  FGS.2M.319.CLMM Datasheet HTML 1Page - LEMO Connectors FGS.2M.319.CLMM Datasheet HTML 2Page - LEMO Connectors FGS.2M.319.CLMM Datasheet HTML 3Page - LEMO Connectors FGS.2M.319.CLMM Datasheet HTML 4Page - LEMO Connectors  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
https://www.lemo.com/int_en/solutions/optima/m-ratchet-coupling/fgs-2m-319-clmm.html
LEMO products and services are provided “as is”. LEMO makes no warranties or representations with regard to LEMO product & services or use of them,
express, implied or statutory, including for accuracy, completeness, or security. The user is fully responsible for his products and applications using LEMO
components.
FGS.2M.319.CLMM
Image for illustrative purpose only
Summary
Request a quote
Catalog
Number of contacts Low Voltage
19
Wire Size/AWG
26 - 22
Gender
Reverse Gender
Plug
Plug - Straight
Locking system
Ratchet
Jacket cable outside diameter [mm]
6.50 - 13.00 mm
Size
2M
Series
M - Rugged Ratchet coupling


Similar Part No. - FGS.2M.319.CLMM

ManufacturerPart #DatasheetDescription
logo
LEMO Connectors
FGS.2M.319.CLM LEMO-FGS.2M.319.CLM Datasheet
79Kb / 4P
M - Rugged Ratchet coupling
FGS.2M.319.CLMB LEMO-FGS.2M.319.CLMB Datasheet
63Kb / 3P
M - Rugged Ratchet coupling
More results

Similar Description - FGS.2M.319.CLMM

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CA3106E16S-1PB14 ETC2-CA3106E16S-1PB14 Datasheet
2Mb / 68P
rugged shell design, environmental, bayonet coupling for easy mating and unmating
D00031 ETC2-D00031 Datasheet
33Kb / 1P
Gearless Ratchet Screwdrivers
HT-225D ETC2-HT-225D Datasheet
23Kb / 1P
Ratchet Crimping Tool
logo
PANDUIT CORP.
MR20 PANDUIT-MR20 Datasheet
94Kb / 1P
RATCHET TOOL
logo
Festo Corporation.
8134726 FESTO-8134726 Datasheet
77Kb / 1P
Coupling
8134829 FESTO-8134829 Datasheet
81Kb / 1P
Coupling
8134953 FESTO-8134953 Datasheet
80Kb / 1P
Coupling
8164977 FESTO-8164977 Datasheet
76Kb / 1P
Coupling
8164978 FESTO-8164978 Datasheet
76Kb / 1P
Coupling
8165044 FESTO-8165044 Datasheet
79Kb / 1P
Coupling
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com