Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM317M Datasheet(PDF) 26 Page - STMicroelectronics

Part # LM317M
Description  Medium current 1.2 to 37 V adjustable voltage regulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LM317M Datasheet(HTML) 26 Page - STMicroelectronics

Back Button LM317M Datasheet HTML 20Page - STMicroelectronics LM317M Datasheet HTML 21Page - STMicroelectronics LM317M Datasheet HTML 22Page - STMicroelectronics LM317M Datasheet HTML 23Page - STMicroelectronics LM317M Datasheet HTML 24Page - STMicroelectronics LM317M Datasheet HTML 25Page - STMicroelectronics LM317M Datasheet HTML 26Page - STMicroelectronics LM317M Datasheet HTML 27Page - STMicroelectronics LM317M Datasheet HTML 28Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 26 / 28 page
background image
List of tables
Table 1.
Absolute maximum ratings ............................................................. 4
Table 2.
Thermal data....................................................................... 4
Table 3.
LM217M electrical characteristics (refer to the test circuits, TJ = - 40 to 125 °C, VI - VO = 5 V, IO = 100 mA, PD ≤ 7.5
Ω, unless otherwise specified). .......................................................... 5
Table 4.
LM317M electrical characteristics (refer to the test circuits, TJ = 0 to 125 °C, VI - VO = 5 V, IO = 100 mA, PD ≤ 7.5 Ω,
unless otherwise specified). ............................................................ 6
Table 5.
Device summary ................................................................... 12
Table 6.
DPAK (TO-252) mechanical data (type A) .................................................. 13
Table 7.
DPAK(TO-252) mechanical data (type E) .................................................. 15
Table 8.
DPAK (TO-252) mechanical data type I.................................................... 17
Table 9.
DPAK footprint data ................................................................. 18
Table 10.
DPAK (TO-252) tape and reel mechanical data .............................................. 20
Table 11.
SOT223 mechanical data ............................................................. 21
Table 12.
SOT223 tape and reel mechanical data ................................................... 22
Table 13.
Document revision history ............................................................. 24
LM217M, LM317M
List of tables
DS0522 - Rev 12
page 26/28



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com