Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STD12NF06LT4... Datasheet(PDF) 15 Page - STMicroelectronics

Part # STD12NF06LT4...
Description  Automotive-grade N-channel 60 V, 0.07 Ω typ., 12 A, StripFET™ II Power MOSFET in a DPAK package
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STD12NF06LT4... Datasheet(HTML) 15 Page - STMicroelectronics

Back Button STD12NF06LT4... Datasheet HTML 8Page - STMicroelectronics STD12NF06LT4... Datasheet HTML 9Page - STMicroelectronics STD12NF06LT4... Datasheet HTML 10Page - STMicroelectronics STD12NF06LT4... Datasheet HTML 11Page - STMicroelectronics STD12NF06LT4... Datasheet HTML 12Page - STMicroelectronics STD12NF06LT4... Datasheet HTML 13Page - STMicroelectronics STD12NF06LT4... Datasheet HTML 14Page - STMicroelectronics STD12NF06LT4... Datasheet HTML 15Page - STMicroelectronics STD12NF06LT4... Datasheet HTML 16Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 15 / 16 page
background image
DocID026610 Rev 2
15/16
STD12NF06LT4
Revision history
16
6
Revision history
Table 10. Document revision history
Date
Revision
Changes
26-Jun-2014
1
First release.
14-Nov-2014
2
Updated title and features in cover page
Updated Table 3.: Thermal data, Table 4.: On/off states and Table 5.:
Dynamic
Updated Figure 2: Safe operating area ,Figure 3: Thermal
impedance,Figure 6.: Normalized V(BR)DSS vs. temperature,Figure
10.,Figure 11.: Normalized on-resistance vs. temperature and
Section 4: Package mechanical data.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com