Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM317MDT-TR Datasheet(PDF) 21 Page - STMicroelectronics

Part # LM317MDT-TR
Description  Medium current 1.2 to 37 V adjustable voltage regulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LM317MDT-TR Datasheet(HTML) 21 Page - STMicroelectronics

Back Button LM317MDT-TR Datasheet HTML 17Page - STMicroelectronics LM317MDT-TR Datasheet HTML 18Page - STMicroelectronics LM317MDT-TR Datasheet HTML 19Page - STMicroelectronics LM317MDT-TR Datasheet HTML 20Page - STMicroelectronics LM317MDT-TR Datasheet HTML 21Page - STMicroelectronics LM317MDT-TR Datasheet HTML 22Page - STMicroelectronics LM317MDT-TR Datasheet HTML 23Page - STMicroelectronics LM317MDT-TR Datasheet HTML 24Page - STMicroelectronics LM317MDT-TR Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
9.3
SOT223 package information
Figure 19. SOT223 package outline
Table 11. SOT223 mechanical data
Dim.
mm
Min.
Typ.
Max.
A
1.8
A1
0.02
0.1
B
0.6
0.7
0.85
B1
2.9
3
3.15
c
0.24
0.26
0.35
D
6.3
6.5
6.7
e
2.3
e1
4.6
E
3.3
3.5
3.7
H
6.7
7.0
7.3
V
10º
LM217M, LM317M
SOT223 package information
DS0522 - Rev 12
page 21/28



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com