Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCC4541B Datasheet(PDF) 2 Page - STMicroelectronics

Part # HCC4541B
Description  PROGRAMMABLE TIMER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HCC4541B Datasheet(HTML) 2 Page - STMicroelectronics

  HCC4541B Datasheet HTML 1Page - STMicroelectronics HCC4541B Datasheet HTML 2Page - STMicroelectronics HCC4541B Datasheet HTML 3Page - STMicroelectronics HCC4541B Datasheet HTML 4Page - STMicroelectronics HCC4541B Datasheet HTML 5Page - STMicroelectronics HCC4541B Datasheet HTML 6Page - STMicroelectronics HCC4541B Datasheet HTML 7Page - STMicroelectronics HCC4541B Datasheet HTML 8Page - STMicroelectronics HCC4541B Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
HCF4541B
2/10
select inputs A or B (see frequency selection
table). The output is available in one of the two
modes that can be selected via the MODE input
pin 10 (see truth table). The output turns out as a
continuos square wave, with a frequency equal to
the oscillator frequency divided by 2N when this
MODE input is a logic "1". When it is a logic "0"
and
after a MASTER RESET is started, and Q
output has been selected, the output goes up to a
high state after 2 N-1 counts. It remains in that
state till another MASTER RESET pulse is apply
or the mode input is a logic "1". The process starts
by setting the AUTO RESET input (pin 5) to logic
"0" and switching power on. If pin 5 is set to logic
"1", the AUTO RESET circuit is not enabled and
counting cannot start till a positive MASTER
RESET pulse is applied, returning to a low level.
The AUTO RESET consumes a remarkable
amount of power and should not be used if low
power operation is wanted. The frequency of the
oscillator depends on the RC network. It can be
calculated using the following formula :
f = 1 / 2.3 RTC CTC
where f is between 1KHz and 100KHz and RS >
10 K
Ω and ≈2 R
TC
INPUT EQUIVALENT CIRCUIT
PIN DESCRIPTION
RC OSCILLATOR CIRCUIT
PIN No
SYMBOL
NAME AND FUNCTION
12, 13
A, B
Time Select Input
4, 11
NC
Not Connected
1, 2
RTC, CTC
External Resistor, Capaci-
tor Connection
3
RS
External Resistor Con-
nection or External Clock
Input
5
AR
Auto Reset Input
6
MR
Master Reset Input
10
MODE
Mode Select Input
9
Q/Q
SELECT
Output Selector
8
Q
Output
7
VSS
Negative Supply Voltage
14
VDD
Positive Supply Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com