Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB320HAI Datasheet(PDF) 21 Page - Texas Instruments

Part # TUSB320HAI
Description  TUSB320LAI, TUSB320HAI USB Type-C Configuration Channel Logic and Port Control
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TUSB320HAI Datasheet(HTML) 21 Page - Texas Instruments

Back Button TUSB320HAI Datasheet HTML 17Page - Texas Instruments TUSB320HAI Datasheet HTML 18Page - Texas Instruments TUSB320HAI Datasheet HTML 19Page - Texas Instruments TUSB320HAI Datasheet HTML 20Page - Texas Instruments TUSB320HAI Datasheet HTML 21Page - Texas Instruments TUSB320HAI Datasheet HTML 22Page - Texas Instruments TUSB320HAI Datasheet HTML 23Page - Texas Instruments TUSB320HAI Datasheet HTML 24Page - Texas Instruments TUSB320HAI Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 38 page
background image
A1
A12
B12
B1
A2
A3
A4
A5
A11
A6
A7
A8
A9
A10
B2
B3
B4
B5
B6
B7
B8
B9
B10
B11
VBUS
DP
DM
CC1
CC2
TUSB320LA
CC1
CC2
VBUS_DET
900K
USB VBUS Switch
(optional BC 1.2 support for legacy)
DM_IN
DP_IN
VOUT
DM_OUT
DP_OUT
VIN
150uF
System VBUS
PORT
100nF
VBAT
USB2
OTG
and
PMIC
4.7K
4.7K
SDA/OUT1
SCL/OUT2
INT_N/OUT3
ID
200K
200K
I2C I/O
1.8V or 3.3V
EN
SCL
SDA
FAULT#
DM
DP
PS_EN
PS_FAULT#
VBUS
ID
INT#
SCL
SDA
1uF
5 V
2.7 - 5 V
CC/Mode
Controller
TUSB320
VDD
CC1
CC2
DP
DM
ID
PORT
Processor
GPIOs
VBUS
VBUS
Legacy TypeA
Switch
I2C
Copyright © 2016, Texas Instruments Incorporated
PMIC
CC/Mode
Controller
TUSB320
VDD
VPH
CC1
CC2
DP
DM
PORT
VBUS
ID
Processor
GPIOs
VBUS
I2C
Copyright © 2016, Texas Instruments Incorporated
21
TUSB320LAI, TUSB320HAI
www.ti.com
SLLSEQ8D – OCTOBER 2015 – REVISED MAY 2017
Product Folder Links: TUSB320LAI TUSB320HAI
Submit Documentation Feedback
Copyright © 2015–2017, Texas Instruments Incorporated
8 Application and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
8.1 Application Information
The TUSB320 device is a Type-C configuration channel logic and port controller. The TUSB320 device can
detect when a Type-C device is attached, what type of device is attached, the orientation of the cable, and power
capabilities (both detection and broadcast). The TUSB320 device can be used in a source application (DFP), in a
sink application (UFP), or a combination source/sink application (DRP).
8.2 Typical Application
8.2.1 DRP in I2C Mode
Figure 10 and Figure 11 show a Type-C configuration for the DRP mode.
Figure 10. TUSB320 in DRP Mode Supporting Default
Implementation
Figure 11. TUSB320 in DRP Mode Supporting Advanced
Power Delivery
Figure 12 shows the TUSB320 device configured as a DRP in I2C mode.
Figure 12. DRP in I2C Mode Schematic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com