Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB321RWBR Datasheet(PDF) 7 Page - Texas Instruments

Part # TUSB321RWBR
Description  TUSB321 USB Type-C™ Configuration Channel Logic and Port Control with VCONN
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TUSB321RWBR Datasheet(HTML) 7 Page - Texas Instruments

Back Button TUSB321RWBR Datasheet HTML 3Page - Texas Instruments TUSB321RWBR Datasheet HTML 4Page - Texas Instruments TUSB321RWBR Datasheet HTML 5Page - Texas Instruments TUSB321RWBR Datasheet HTML 6Page - Texas Instruments TUSB321RWBR Datasheet HTML 7Page - Texas Instruments TUSB321RWBR Datasheet HTML 8Page - Texas Instruments TUSB321RWBR Datasheet HTML 9Page - Texas Instruments TUSB321RWBR Datasheet HTML 10Page - Texas Instruments TUSB321RWBR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 25 page
background image
0 V
VPULL-UP
Time
tFAULT
VVCONN_FAULT
0 V
VBUS_THR
VVBUS
Time
tVBUS_DB
7
TUSB321
www.ti.com
SLLSEO6C – JUNE 2015 – REVISED AUGUST 2018
Product Folder Links: TUSB321
Submit Documentation Feedback
Copyright © 2015–2018, Texas Instruments Incorporated
Figure 1. VBUS Detect and Debounce
Figure 2. VCONN_FAULT Assertion Pulse Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com